Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS512K8L-17DEM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WMS512K8L-17DEM
Description  512Kx8 MONOLITHIC SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMS512K8L-17DEM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WMS512K8L-17DEM Datasheet HTML 1Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 8Page - List of Unclassifed Manufacturers WMS512K8L-17DEM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WMS512K8-XXX
AC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
-25
-35
-45
-55
Units
Read Cycle
Min
Max
Min
Max
Min Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
25
35
45
55
ns
Address Access Time
tAA
15
17
20
25
35
45
55
ns
Output Hold from Address Change
tOH
0
0
0
000
0
ns
Chip Select Access Time
tACS
15
17
20
25
35
45
55
ns
Output Enable to Output Valid
tOE
8
9
10
12
25
25
25
ns
Chip Select to Output in Low Z
tCLZ1
2
2
2
244
4
ns
Output Enable to Output in Low Z
tOLZ1
0
0
0
000
0
ns
Chip Disable to Output in High Z
tCHZ1
8
9
10
12
15
20
20
ns
Output Disable to Output in High Z
tOHZ1
8
9
10
12
15
20
20
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
-25
-35
-45
-55
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
25
35
45
55
ns
Chip Select to End of Write
tCW
13
14
14
15
25
35
50
ns
Address Valid to End of Write
tAW
13
14
14
15
25
35
50
ns
Data Valid to End of Write
tDW
8
9
10
10
20
25
25
ns
Write Pulse Width
tWP
13
14
14
15
25
35
40
ns
Address Setup Time
tAS
2
2
2
2
222
ns
Address Hold Time
tAH
0
0
0
0
055
ns
Output Active from End of Write
tOW1
2
2
3
4
455
ns
Write Enable to Output in High Z
tWHZ1
89
9
10
15
20
25
ns
Data Hold Time
tDH
0
0
0
0
000
ns
1. This parameter is guaranteed by design but not tested.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC TEST CIRCUIT
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V


Similar Part No. - WMS512K8L-17DEM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8L-17DEM WEDC-WMS512K8L-17DEM Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results

Similar Description - WMS512K8L-17DEM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com