Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6523 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MPS6523
Description  Amplifier Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6523 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MPS6523 Datasheet HTML 4Page - ON Semiconductor MPS6523 Datasheet HTML 5Page - ON Semiconductor MPS6523 Datasheet HTML 6Page - ON Semiconductor MPS6523 Datasheet HTML 7Page - ON Semiconductor MPS6523 Datasheet HTML 8Page - ON Semiconductor MPS6523 Datasheet HTML 9Page - ON Semiconductor MPS6523 Datasheet HTML 10Page - ON Semiconductor MPS6523 Datasheet HTML 11Page - ON Semiconductor MPS6523 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NPN MPS6521 PNP MPS6523
10
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP
MPS6523
TYPICAL DYNAMIC CHARACTERISTICS
Figure 31. Turn–On Time
IC, COLLECTOR CURRENT (mA)
500
Figure 32. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
Figure 33. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 34. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 35. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 36. Output Admittance
IC, COLLECTOR CURRENT (mA)
3.0
1.0
500
0.5
10
5.0
7.0
10
20
30
50
70
100
300
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 V
tr
10
20
30
50
70
100
200
300
500
700
– 2.0
–1.0
VCC = – 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
50
70
100
200
300
0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
TJ = 25°C
VCE = 20 V
5.0 V
1.0
2.0
3.0
5.0
7.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.05
Cib
Cob
2.0
5.0
10
20
50
1.0
0.2
100
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
0.1
0.2
0.5
MPS6523
hfe ≈ 100
@ IC = –1.0 mA
VCE = –10 Vdc
f = 1.0 kHz
TA = 25°C
2.0
5.0
10
20
50
1.0
2.0
100
3.0
5.0
7.0
10
20
30
50
70
100
200
0.1
0.2
0.5
VCE = 10 Vdc
f = 1.0 kHz
TA = 25°C
200
– 3.0
– 5.0 – 7.0
– 20
–10
– 30
– 50 – 70 –100
TJ = 25°C
MPS6521
hfe ≈ 200
@ IC = –1.0 mA
MPS6523
hfe ≈ 100
@ IC = 1.0 mA
MPS6521
hfe ≈ 200
@ IC = 1.0 mA


Similar Part No. - MPS6523

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6523 MOTOROLA-MPS6523 Datasheet
791Kb / 12P
   Amplifier Transistors
MPS6523 MOTOROLA-MPS6523 Datasheet
551Kb / 12P
   Amplifier Transistors
logo
Samsung semiconductor
MPS6523 SAMSUNG-MPS6523 Datasheet
29Kb / 1P
   PNP (AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MPS6523 FAIRCHILD-MPS6523 Datasheet
22Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Electronics
MPS6523 MICRO-ELECTRONICS-MPS6523 Datasheet
159Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MPS6523

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com