Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6523 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MPS6523
Description  Amplifier Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6523 Datasheet(HTML) 5 Page - ON Semiconductor

  MPS6523 Datasheet HTML 1Page - ON Semiconductor MPS6523 Datasheet HTML 2Page - ON Semiconductor MPS6523 Datasheet HTML 3Page - ON Semiconductor MPS6523 Datasheet HTML 4Page - ON Semiconductor MPS6523 Datasheet HTML 5Page - ON Semiconductor MPS6523 Datasheet HTML 6Page - ON Semiconductor MPS6523 Datasheet HTML 7Page - ON Semiconductor MPS6523 Datasheet HTML 8Page - ON Semiconductor MPS6523 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NPN MPS6521 PNP MPS6523
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN
MPS6521
TYPICAL STATIC CHARACTERISTICS
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.004
TJ = 125°C
–55
°C
25
°C
VCE = 1.0 V
VCE = 10 V
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (mA)
1.4
Figure 10. Collector Characteristics
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
1.6
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
*
qVC for VCE(sat)
qVB for VBE
0.1
0.2
0.5
Figure 11. “On” Voltages
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
0.002
TJ = 25°C
IC = 1.0 mA
10 mA
100 mA
Figure 12. Temperature Coefficients
50 mA
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
40
60
80
100
20
0
0
TA = 25°C
PULSE WIDTH = 300
µs
DUTY CYCLE
≤ 2.0%
IB = 500 µA
400
µA
300
µA
200
µA
100
µA
*APPLIES for IC/IB ≤ hFE/2
25
°C to 125°C
–55
°C to 25°C
25
°C to 125°C
–55
°C to 25°C
40
60
0.006 0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
0.005 0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
5.0
10
15
20
25
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
– 2.4
0.8
0
– 1.6
– 0.8
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
200
100
80


Similar Part No. - MPS6523

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6523 MOTOROLA-MPS6523 Datasheet
791Kb / 12P
   Amplifier Transistors
MPS6523 MOTOROLA-MPS6523 Datasheet
551Kb / 12P
   Amplifier Transistors
logo
Samsung semiconductor
MPS6523 SAMSUNG-MPS6523 Datasheet
29Kb / 1P
   PNP (AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MPS6523 FAIRCHILD-MPS6523 Datasheet
22Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Electronics
MPS6523 MICRO-ELECTRONICS-MPS6523 Datasheet
159Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MPS6523

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com