Electronic Components Datasheet Search |
|
C062K102M1BX5CM Datasheet(PDF) 6 Page - Kemet Corporation |
|
C062K102M1BX5CM Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 40 page CERAMIC CONFORMALLY COATED/AXIAL “AXIMAX” KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 6 KEMET ® CAPACITANCE OUTLINE DRAWING MAXIMUM DIMENSIONS—INCHES & (MILLIMETERS) ORDERING INFORMATION MARKING INFORMATION LD STYLE L D LL MAX MAX MIN C410 .170 (4.32) .100 (2.54) .020 (.51) 1.0 (25.4) C412 .170 (4.32) .120 (3.05) .020 (.51) 1.0 (25.4) C420 .260 (6.60) .100 (2.54) .020 (.51) 1.0 (25.4) C430 .290 (7.37) .150 (3.81) .020 (.51) 1.0 (25.4) C440 .400 (10.16) .150 (3.81) .020 (.51) 1.0 (25.4) +.001, -.003 (+.025, -.076) M 104 410 C 5 C A U 5 C CERAMIC CASE SIZE (See Table of Dimensions above) SPECIFICATION C — Standard CAPACITANCE Expressed in Picofarad Code (pF) First Two Digits — Significant Figures Third Digit — Number of Zeros FAILURE RATE INTERNAL CONSTRUCTION CAPACITANCE TOLERANCE J — ±5% K — ±10% M — ±20% Z — –20 +80% A — Not Applicable LEAD MATERIAL C — Standard 5 — Standard DIELECTRIC EIA Designation G — C0G (NPO) — Ultra-Stable R — X7R — Stable U — Z5U — General Purpose RATED VOLTAGE 1 — 100 Volts 5 — 50 Volts * *Part Number Example: C410C104M5U5CA (14 digits – no spaces) LL L D LD K5R 104K AB 0037 Manufacturer (KEMET) Rated Voltage 5 - 50 volts 1 - 100 volts Dielectric G – C0G/NP0 R – X7R U – Z5U Capacitance Tolerance Capacitance Code Lot Code Date Code 0988 Layout rev 8/9/2000 9:54 AM Page 6 |
Similar Part No. - C062K102M1BX5CM |
|
Similar Description - C062K102M1BX5CM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |