Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048G120T15 Datasheet(PDF) 10 Page - Vicor Corporation

Part # B048G120T15
Description  VI Chip - BCM Bus Converter Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048G120T15 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button B048G120T15 Datasheet HTML 6Page - Vicor Corporation B048G120T15 Datasheet HTML 7Page - Vicor Corporation B048G120T15 Datasheet HTML 8Page - Vicor Corporation B048G120T15 Datasheet HTML 9Page - Vicor Corporation B048G120T15 Datasheet HTML 10Page - Vicor Corporation B048G120T15 Datasheet HTML 11Page - Vicor Corporation B048G120T15 Datasheet HTML 12Page - Vicor Corporation B048G120T15 Datasheet HTML 13Page - Vicor Corporation B048G120T15 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
45 VicorCorporation
Tel: 800-735-6200
V•I Chip Bus Converter
B048K120T15
Rev. 1.2
Page 10 of 16
vicorpower.com
PRELIMIN
ARY
45
Part Numbering and Configuration Options
V•I Chip BUS CONVERTER PART NUMBERING
B
048
K
120
T
1 5
Bus Converter
Module
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage
Operating
T-40 to150
-40 to125
Configuration Options
F= On-board (Fig.21)
G= On-board with 0.25"
Integral Pin Fins (Fig.23)
K= In-board (Fig.20)
L= In-board with 0.25"
Integral Pin Fins (Fig.22)
CONFIGURATION OPTIONS
CONFIGURATION
IN-BOARD*
ON-BOARD*
IN-BOARD WITH 0.25"
ON-BOARD WITH 0.25"
PIN FINS**
PIN FINS**
Effective Power Density
875 W/in
3
547 W/in
3
304 W/in
3
244 W/in
3
Junction-Board
2.1 °C/W
2.4 °C/W
2.1 °C/W
2.4 °C/W
Thermal Resistance
Junction-Case
1.1 °C/W
1.1 °C/W
N/A
N/A
Thermal Resistance
Junction-Ambient
6.5 °C/W
6.8 °C/W
5.0 °C/W
5.0 °C/W
Thermal Resistance 300LFM
BCM Model No.
B048K120T15
B048F120T15
B048L120T15
B048G120T15
*Surface mounted to a 2" x 2" FR4 board, 4 layers 2 oz Cu
**Pin Fin heat sink also available as a separate item
Output Voltage
Designator
(=Vout x10)
IN–BOARD MOUNT
(V•I Chip recessed into PCB)
21.5
0.85
32.0
1.26
4.0
0.16
Figure 20—In-board mounting – package K
ON–BOARD MOUNT
22.0
0.87
32.0
1.26
6.3
0.25
Figure 21—On-board mounting – package F
mm
in
mm
in
Output Power
Designator
(=Pout/10)
NOTE:
100W and 200W
versions are
also available.


Similar Part No. - B048G120T15

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048G120T10 VICOR-B048G120T10 Datasheet
725Kb / 16P
   VI Chip - BCM Bus Converter Module
More results

Similar Description - B048G120T15

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048K120T20 VICOR-B048K120T20 Datasheet
475Kb / 16P
   VI Chip - BCM Bus Converter Module
B352F110T24 VICOR-B352F110T24 Datasheet
394Kb / 13P
   VI Chip - BCM Bus Converter Module
B048K480T30 VICOR-B048K480T30 Datasheet
583Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T10 VICOR-B048K120T10 Datasheet
725Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K120T30 VICOR-B048K120T30 Datasheet
571Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K160T24 VICOR-B048K160T24 Datasheet
578Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K030T21 VICOR-B048K030T21 Datasheet
565Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K096T24 VICOR-B048K096T24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048K060T24 VICOR-B048K060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com