Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048F120M30 Datasheet(PDF) 1 Page - Vicor Corporation

Part # B048F120M30
Description  VI Chip - BCM Bus Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F120M30 Datasheet(HTML) 1 Page - Vicor Corporation

  B048F120M30 Datasheet HTML 1Page - Vicor Corporation B048F120M30 Datasheet HTML 2Page - Vicor Corporation B048F120M30 Datasheet HTML 3Page - Vicor Corporation B048F120M30 Datasheet HTML 4Page - Vicor Corporation B048F120M30 Datasheet HTML 5Page - Vicor Corporation B048F120M30 Datasheet HTML 6Page - Vicor Corporation B048F120M30 Datasheet HTML 7Page - Vicor Corporation B048F120M30 Datasheet HTML 8Page - Vicor Corporation B048F120M30 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048K120T30
Rev. 1.0
Page 1 of 16
V•I Chip Voltage Transformation Module
PRELIMINARY
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
+Out to -Out
-0.5 to 30.0
Vdc
Isolation voltage
2,250
Vdc
Input to Output
Output current
25
A
Continuous
Peak output current
37.5
A
For 1 ms
Output power
300
W
Continuous
Peak output power
450
W
For 1 ms
Case temperature
208
°C
During reflow
Operating junction temperature(1)
-40 to 125
°C
T - Grade
-55 to 125
°C
M - Grade
Storage temperature
-40 to 150
°C
T - Grade
-65 to 150
°C
M - Grade
•48V to 12 V V•I Chip Converter
• 300 Watt (450 Watt for 1 ms)
•High density – 1200 W/in3
• Small footprint – 280 W/in2
• Low weight – 0.5 oz (14 g)
• ZVS/ZCS isolated sine
amplitude converter
•96% efficiency
• 125°C operation
• <1 µs transient response
• 3.5 million hours MTBF
•No output filtering required
• Surface mount BGA or J-Lead
packages
B048K120T30
Vin = 38 - 55 V
Vout = 9.5 - 13.7 V
Iout = 25 A
K = 1/4
Rout = 13.9 m
Ω max
Actual size
©
V•I ChipTM – BCM
Bus Converter Module
BCM
Output Power
Designator
(=POUT/10)
B
048
K
120
T
30
Bus Converter
Module
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage
Operating
T-40 to150 -40 to125
M-65 to150 -55 to125
Configuration Options
F= Onboard (Figure 20)
K= Inboard (Figure 19)
Output Voltage
Designator
(=VOUT x10)
Part Numbering
Note:
(1) The referenced junction is defined as the semiconductor having the highest temperature.
This temperature is monitored by a shutdown comparator.
K indicates BGA configuration. For other
mounting options see Part Numbering below.
Product Description
The V•I Chip Bus Converter Module (BCM) is a high
efficiency (>96%), narrow input range Sine Amplitude
Converter (SAC) operating from a 38 to 55 Vdc primary
bus to deliver an isolated 9.5 V to 13.7 V secondary. The
BCM may be used to power non-isolated POL converters
or as an independent 9.5 – 13.7 V source. Due to the
fast response time and low noise of the BCM, the need
for limited life aluminum electrolytic or tantalum
capacitors at the input of POL converters is reduced—or
eliminated—resulting in savings of board area, materials
and total system cost.
The BCM achieves a power density of 1200 W/in3 and
may be surface mounted with a profile as low as 0.16"
(4 mm) over the PCB. Its V•I Chip power package is
compatible with onboard or inboard surface mounting.
The V•I Chip package provides flexible thermal
management through its low Junction-to-Case and
Junction-to-BGA thermal resistance. Owing to its high
conversion efficiency and safe operating temperature
range, the BCM does not require a discrete heat sink in
typical applications. It is also available with heat sink
options, assuring low junction temperatures and long
life in the harshest environments.
Absolute Maximum Ratings


Similar Part No. - B048F120M30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120M30 VICOR-B048F120M30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results

Similar Description - B048F120M30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048K120T20 VICOR-B048K120T20 Datasheet
475Kb / 16P
   VI Chip - BCM Bus Converter Module
B352F110T24 VICOR-B352F110T24 Datasheet
394Kb / 13P
   VI Chip - BCM Bus Converter Module
B048K480T30 VICOR-B048K480T30 Datasheet
583Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T10 VICOR-B048K120T10 Datasheet
725Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K160T24 VICOR-B048K160T24 Datasheet
578Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K030T21 VICOR-B048K030T21 Datasheet
565Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T15 VICOR-B048K120T15 Datasheet
519Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K096T24 VICOR-B048K096T24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048K060T24 VICOR-B048K060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com