Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048F160M24 Datasheet(PDF) 11 Page - Vicor Corporation

Part # B048F160M24
Description  VI Chip - BCM Bus Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F160M24 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button B048F160M24 Datasheet HTML 7Page - Vicor Corporation B048F160M24 Datasheet HTML 8Page - Vicor Corporation B048F160M24 Datasheet HTML 9Page - Vicor Corporation B048F160M24 Datasheet HTML 10Page - Vicor Corporation B048F160M24 Datasheet HTML 11Page - Vicor Corporation B048F160M24 Datasheet HTML 12Page - Vicor Corporation B048F160M24 Datasheet HTML 13Page - Vicor Corporation B048F160M24 Datasheet HTML 14Page - Vicor Corporation B048F160M24 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048K160T24
Rev. 1.0
Page 11 of 15
V•I Chip Bus Converter Module
PRELIMINARY
Parallel Operation
The BCM will inherently current share when operated in an array. Arrays
may be used for higher power or redundancy in an application.
Current sharing accuracy is maximized when the source and load
impedance presented to each BCM within an array are equal.
The recommended method to achieve matched impedances is to
dedicate common copper planes within the PCB to deliver and return the
current to the array, rather than rely upon traces of varying lengths. In
typical applications the current being delivered to the load is larger than
that sourced from the input, allowing traces to be utilized on the input
side if necessary. The use of dedicated power planes is, however,
preferable.
The BCM power train and control architecture allow bi-directional power
transfer, including reverse power processing from the BCM output to its
input. Reverse power transfer is enabled if the BCM input is within its
operating range and the BCM is otherwise enabled. The BCM’s ability to
process power in reverse improves the BCM transient response to an
output load dump.
Thermal Management
The high efficiency of the V•I Chip results in relatively low power
dissipation and correspondingly low generation of heat. The heat
generated within internal semiconductor junctions is coupled with low
effective thermal resistances, RθJC and RθJB, to the V•I Chip case and its
Ball Grid Array allowing thermal management flexibility to adapt to
specific application requirements (Figure 22).
CASE 1 Convection via heatsink to air.
The total Junction-to-Ambient thermal resistance, RθJA, of a surface
mounted V•I Chip with a 0.25" heatsink is 4.8 °C/W in 300 LFM air flow
(Figure 24). At full rated output power of 240 W, the heat generated by
the BCM is approximately 11 W (Figure 6). Therefore, the junction
temperature rise to ambient is approximately 53°C. Given a maximum
junction temperature of 125°C, a temperature rise of 53°C allows the
V•I Chip to operate at rated output power at up to 72°C ambient
temperature. At 100 W of output power, operating ambient
temperature extends to 105°C.
CASE 2—Conduction to the PCB
The low thermal resistance Junction-to-BGA, RθJB, allows use of the PCB
to exchange heat from the V•I Chip, including convection from the PCB
to the ambient or conduction to a cold plate.
For example, with a V•I Chip surface mounted on a 2" x 2" area of a
multi-layer PCB, with an aggregate 8 oz of effective copper weight, the
total Junction-to-Ambient thermal resistance, RθJA, is 6.5°C/W in 300
LFM air flow (see Thermal section, Page 6). Given a maximum junction
temperature of 125°C and 11 W dissipation at 240 W of output power,
a temperature rise of 72°C allows the V•I Chip to operate at rated
output power at up to 53°C ambient temperature.
Figure 24—Junction-to-ambient thermal resistance of BCM with
0.25"
Heatsink
BCM with 0.25'' Heatsink
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
Airflow (LFM)
-40
-20
0
20
40
60
80
100
120
140
Operating Junction Temperature (°C)
0
Figure 23— Thermal derating curve
Application Note
Figure 22—Thermal resistance
θJC = 1.1°C/W
θJB = 2.1°C/W
240


Similar Part No. - B048F160M24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F160M24 VICOR-B048F160M24 Datasheet
1Mb / 12P
   BCM Bus Converter
More results

Similar Description - B048F160M24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048K120T20 VICOR-B048K120T20 Datasheet
475Kb / 16P
   VI Chip - BCM Bus Converter Module
B352F110T24 VICOR-B352F110T24 Datasheet
394Kb / 13P
   VI Chip - BCM Bus Converter Module
B048K480T30 VICOR-B048K480T30 Datasheet
583Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T10 VICOR-B048K120T10 Datasheet
725Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K120T30 VICOR-B048K120T30 Datasheet
571Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K030T21 VICOR-B048K030T21 Datasheet
565Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T15 VICOR-B048K120T15 Datasheet
519Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K096T24 VICOR-B048K096T24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048K060T24 VICOR-B048K060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com