Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2-34 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # CT2-34
Description  CT-2 CONNECTOR TERMINAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CT2-34 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  CT2-34 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CT2-34 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CT2-34 Datasheet HTML 3Page - Nais(Matsushita Electric Works) CT2-34 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CT-2
SCHEMATIC (Top View)
20 poles
30 poles
34 poles
40 poles
A
A
1
Connector No.
Terminal No.
(from left on the lower stage)
23 45 678 9 10
12 34 56 7 8 9 10
B
B
1
Connector No.
Terminal No.
(from left on the upper stage)
23 45 678 9 10
12 34 56 7 8 9 10
A
A
1 2 3 4 5 6 7 8 9 1011 1213 1415
1 2 3 4 5 6 7 8 9 1011 1213 1415
B
B
1 2 3 4 5 6 7 8 9 1011 1213 1415
1 2 3 4 5 6 7 8 9 1011 1213 1415
Connector No.
Terminal No.
(from left on the lower stage)
Connector No.
Terminal No.
(from left on the upper stage)
A
A
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617
B
B
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617
Connector No.
Terminal No.
(from left on the lower stage)
Connector No.
Terminal No.
(from left on the upper stage)
A
A
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617 181920
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617 181920
B
B
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617 181920
1 2 3 4 5 6 7 8 9 1011 1213 1415 1617 181920
Connector No.
Terminal No.
(from left on the lower stage)
Connector No.
Terminal No.
(from left on the upper stage)
CAUTIONS FOR USE
1. Installation
1) Perform mounting hole cutout accord-
ing to the panel cutout drawings.
2) When installing the unit on a DIN rail,
use the DIN rail locking lever on the side
of the unit. Installation is accomplished by
simply fitting the unit onto the rail and
pressing gently.
3) To remove the unit from the DIN rail,
use a flat head screwdriver to pull out the
DIN rail locking lever.
4) Be careful not to drop or shock the unit.
Excessive shock such as dropping may
cause damage or malfunction.
2. Removal of cover
1) Insertions and withdraws of connector
can be done by lifting the cover like 1.
2) Wiring to the terminal can be done by
lifting the cover like 2.
3) Removal of the cover can be done by
lifting it like 3.
4) In case of resetting the cover, please
push the cover like 4.
3. Wiring and circuit configuration
1) Make all connections according to the
schematic.
2) When wiring power lines or power ca-
bles, twisted pair treatment (standed wire
treatment) should be done in order to im-
prove noise resistance.
3) In order to improve noise resistance,
class 3 grounding of the control panel is
recommended.
4) Turn off the power before connecting/
disconnecting connector cables.
4. Operating environment
1) Use the product at ambient operating
temperature between 0
°C and 55°C 32°F
and 131
°F.
2) The main unit is made of resin; there-
fore, do not use it in areas where it may
come in contact with (or be exposed to)
organic solvents such as benzine, thinner,
and alcohol or strong alkaline substances
such as ammonia and caustic soda.
3) Do not use the product in areas where
it may be exposed to flammable gases,
corrosive gases, excessive dust, or mois-
ture, or areas where it may be subjected
to strong vibration or shock.
5. Transporting and storage
1) If the product is subjected to extreme
vibration while being transported, the re-
lays may become detached, the lead may
become bent, and the unit may become
damaged. Handle the inner and outer
boxes with care.
2) If the product is stored in an extremely
adverse environment, visible defects and
deterioration of performance characteris-
tics may result. We recommend the fol-
lowing storage conditions.
• Temperature: 5 to 30
°C 41 to 86° F
• Humidity: Max. 60% R.H.
• Environment: No hazardous sub-
stances such as sulfurous acid gases
and little dust.
DIN rail locking lever
DIN rail
1
2
3
First push in
the DIN rail
locking lever.
Hook the holders on the
unit over the DIN rail.
Press the unit onto
the DIN rail.
1
2
3
Insert the tip of the
flat head screwdriver
into the slot in the
DIN rail locking lever.
Move the
screwdriver in
the direction
of the arrows,
and pull out
the lever.
Remove the unit from
the DIN rail.
12
34
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - CT2-34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT2-A30/L ETC-CT2-A30/L Datasheet
348Kb / 1P
   Electronic timer relay
CT2-A30/M ETC-CT2-A30/M Datasheet
348Kb / 1P
   Electronic timer relay
CT2-A30/S ETC-CT2-A30/S Datasheet
348Kb / 1P
   Electronic timer relay
CT2-A30/U ETC-CT2-A30/U Datasheet
348Kb / 1P
   Electronic timer relay
CT2-B30/H ETC-CT2-B30/H Datasheet
348Kb / 1P
   Electronic timer relay
More results

Similar Description - CT2-34

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-2058077 MACOM-C-2058077 Datasheet
76Kb / 1P
   CABLE ASSEMBLY CT 2 POSITION
logo
PHOENIX CONTACT
3212300 PHOENIX-3212300 Datasheet
564Kb / 43P
   Test disconnect terminal block - PTME 6-CT/1P
09/12/2020
3057432 PHOENIX-3057432 Datasheet
326Kb / 29P
   Test disconnect terminal block - UTME 4-CT/1P
09/12/2020
3212301 PHOENIX-3212301 Datasheet
569Kb / 42P
   Feed-through terminal block - PTMED 6-CT/1P
09/12/2020
logo
Tyco Electronics
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
logo
PHOENIX CONTACT
3212311 PHOENIX-3212311 Datasheet
53Kb / 2P
   Coding plates - PC-CT 6/2 CODIERPL.
09/12/2020
3212302 PHOENIX-3212302 Datasheet
569Kb / 42P
   Ground modular terminal block - PTMED 6-CT/1P-PE
09/12/2020
logo
SCHOTT CORPORATION
22264 SCHOTT-22264 Datasheet
23Kb / 1P
   T-1 LINE INTERFACE TRANSFORMER 1:2 CT
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
   CT PROTECTOR
logo
LEM
CT-5T LEM-CT-5T Datasheet
142Kb / 2P
   CT-5T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com