Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS8098 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPS8098
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS8098 Datasheet(HTML) 3 Page - ON Semiconductor

  MPS8098 Datasheet HTML 1Page - ON Semiconductor MPS8098 Datasheet HTML 2Page - ON Semiconductor MPS8098 Datasheet HTML 3Page - ON Semiconductor MPS8098 Datasheet HTML 4Page - ON Semiconductor MPS8098 Datasheet HTML 5Page - ON Semiconductor MPS8098 Datasheet HTML 6Page - ON Semiconductor MPS8098 Datasheet HTML 7Page - ON Semiconductor MPS8098 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NPN MPS8098 MPS8099 PNP MPS8598 MPS8599
http://onsemi.com
3
Figure 1. MPS8098, MPS8099, MPS8598 and MPS8599 Thermal Response
t, TIME (ms)
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k 100 k
0.03
0.02
0.1
0.07
0.05
0.01
0.3
0.2
1.0
0.7
0.5
ZθJC(t) = r(t) • RθJC
TJ(pk) - TC = P(pk) ZθJC(t)
ZθJA(t) = r(t) • RθJA
TJ(pk) - TA = P(pk) ZθJA(t)
D CURVES APPLY FOR
POWER PULSE TRAIN
SHOWN READ TIME AT t1
(SEE AN469)
t1
t2
DUTY CYCLE, D = t1/t2
P(pk)
D = 0.5
0.2
0.1
0.02 0.01
SINGLE PULSE
SINGLE PULSE
0.05
Figure 2. Switching Time Test Circuits
OUTPUT
TURN-ON TIME
-1.0 V
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
0
+10 V
5.0 ms
OUTPUT
TURN-OFF TIME
+VBB
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
5.0 ms
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities


Similar Part No. - MPS8098

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS8098 MOTOROLA-MPS8098 Datasheet
248Kb / 6P
   Amplifier Transistors
logo
NXP Semiconductors
MPS8098 PHILIPS-MPS8098 Datasheet
48Kb / 8P
   NPN general purpose transistor
1997 May 26
logo
Samsung semiconductor
MPS8098 SAMSUNG-MPS8098 Datasheet
74Kb / 2P
   NPN (AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MPS8098 FAIRCHILD-MPS8098 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
logo
ON Semiconductor
MPS8098 ONSEMI-MPS8098 Datasheet
82Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 5
More results

Similar Description - MPS8098

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com