Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL78L05-KC-PB Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL78L05-KC-PB
Description  Three-Terminal Low Current Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL78L05-KC-PB Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL78L05-KC-PB Datasheet HTML 2Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 3Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 4Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 5Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 6Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 7Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 8Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 9Page - Anpec Electronics Coropration APL78L05-KC-PB Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Oct., 2003
APL78L05/12
www.anpec.com.tw
6
0.01
0.1
1
10
0
2040
6080
100
4.995
5
5.005
5.01
5.015
5.02
0
25
50
75
100
125
100
300
500
700
900
1100
1300
25
50
75
100
125
150
Typical Characteristics (Cont.)
Maximum Power Dissipation vs.
Ambient Temperature
TO-92 Type Package
No Heat Sink
Line Transient Response
VIN=9.5V~10.5V
COUT=0.1
µF
IOUT=10mA
Time (100us/div)
VOUT=10(mV/div)
Ambient Temperature (°C)
APL78L05
APL78L05
Ambient Temperature (°C)
V
IN=10V
IO=40mA
Output Voltage vs.
Ambient Temperature
Region of Stable ESR vs.
Output Current
Output Current(mA)
C
OUT=0.1uF
Stable Region
APL78L05
APL78L05
Untested


Similar Part No. - APL78L05-KC-PB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL78L05 ANPEC-APL78L05 Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L05DC-PBG ANPEC-APL78L05DC-PBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L05DC-TBG ANPEC-APL78L05DC-TBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L05DC-TRG ANPEC-APL78L05DC-TRG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L05EC-PBG ANPEC-APL78L05EC-PBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
More results

Similar Description - APL78L05-KC-PB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L05 ANPEC-APL78L05_11 Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78L05BP MCC-MC78L05BP Datasheet
107Kb / 3P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com