Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2042DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2042DQ
Description  Low-Voltage, Low rON Quad SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2042DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2042DQ Datasheet HTML 1Page - Vishay Siliconix DG2042DQ Datasheet HTML 2Page - Vishay Siliconix DG2042DQ Datasheet HTML 3Page - Vishay Siliconix DG2042DQ Datasheet HTML 4Page - Vishay Siliconix DG2042DQ Datasheet HTML 5Page - Vishay Siliconix DG2042DQ Datasheet HTML 6Page - Vishay Siliconix DG2042DQ Datasheet HTML 7Page - Vishay Siliconix DG2042DQ Datasheet HTML 8Page - Vishay Siliconix DG2042DQ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DG2041/2042/2043
Vishay Siliconix
New Product
Document Number: 72091
S-03008—Rev. A, 20-Jan-03
www.vishay.com
1
Low-Voltage, Low rON Quad SPST Analog Switch
FEATURES
D Low Voltage Operation (1.8 V to 5.5 V)
D Low On-Resistance - rDS(on): 1.0 W
D Fast Switching - 14 ns tON
D Low Charge Injection - QINJ: 1 pC
D Low Power Consumption
D TTL/CMOS Compatible
D TSSOP-16 and QFN-16 Packages
BENEFITS
D Reduced Power Consumption
D Simple Logic Interface
D High Accuracy
D Reduce Board Space
APPLICATIONS
D Cellular Phones
D Communication Systems
D Portable Test Equipment
D Battery Operated Systems
D Sample and Hold Circuits
DESCRIPTION
The DG2041/2042/2043 are quad single-pole/single-throw
monolithic
CMOS
analog
switch
designed
for
high
performance switching of analog signals. Combining low
power,
fast
switching,
low
on-resistance
(rDS(on):
1.0
W @ 2.7 V)
and
small
physical
size,
the
DG2041/2042/2043 are ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG2041/2042/2043 are built on Vishay Siliconix’s new
high density low voltage process. An epitaxial layer prevents
latchup.
Each switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATIONDG2041
DG2041DN
N.C.
V+
NC4
GND
NC3
N.C.
NC1
NC2
1
2
3
12
11
10
4
9
56
7
8
16
15
14
13
Top View
QFN-16 (4 X 4)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
COM1
COM2
NC1
NC2
N.C.
V+
GND
N.C.
NC4
NC3
COM4
COM3
IN4
IN3
TSSOP
DG2041DQ
TRUTH TABLE DG2041
Logic
Switch
0
On
1
Off
Switches Shown for Logic “0” Input


Similar Part No. - DG2042DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2042DQ-T1 VISHAY-DG2042DQ-T1 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2042DQ-T1-E3 VISHAY-DG2042DQ-T1-E3 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
More results

Similar Description - DG2042DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com