Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6601RLRAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPS6601RLRAG
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6601RLRAG Datasheet(HTML) 3 Page - ON Semiconductor

  MPS6601RLRAG Datasheet HTML 1Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 2Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 3Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 4Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 5Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 6Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 7Page - ON Semiconductor MPS6601RLRAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPS6601, MPS6602 (NPN) MPS6651, MPS6652 (PNP)
http://onsemi.com
3
Figure 1. Thermal Response
t, TIME (SECONDS)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.03
0.02
0.1
0.07
0.05
0.01
0.3
0.2
1.0
0.7
0.5
RqJC(t) = (t) qJC
RqJC = 100°C/W MAX
RqJA(t)d = r(t) qJA
RqJA = 357°C/W MAX
D CURVES APPLY FOR
POWER PULSE TRAIN
SHOWN READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
t1
t2
DUTY CYCLE, D = t1/t2
P(pk)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
SINGLE PULSE
Figure 2. Switching Time Test Circuits
OUTPUT
TURN−ON TIME
−1.0 V
VCC
+40
V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
0
+10
V
5.0 ms
OUTPUT
TURN−OFF TIME
+VBB
VCC
+40
V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
5.0 ms
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities


Similar Part No. - MPS6601RLRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS6601RLRAG ONSEMI-MPS6601RLRAG Datasheet
91Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 5
More results

Similar Description - MPS6601RLRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com