Electronic Components Datasheet Search
Selected language     English  ▼


I048C030T021P2 Datasheet(PDF) 7 Page - Vicor Corporation

Part No. I048C030T021P2
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 7 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
Quarter-Brick Intermediate Bus Converters
Rev. 1.3
Page 7 of 8
Factorized Power
PRELIMINARY
MECHANICAL DRAWINGS
NOTES
1. DIMENSIONS ARE
2. UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE:
.X/(.XX) = +/-0.25/(.01), .XX/(.XXX) = +/-0.13/(.005)
27.94
1.100
4.4
0.18
15.24
0.600
6.35
0.250
4.1
0.16
50.80
2.000
7.62
0.300
BOTTOM VIEW
12.52
0.493
SEATING
PLANE
58.4
2.30
36.8
1.45
TOP VIEW (COMPONENT SIDE)
1.52
0.060
(4) PL.
1.02
0.040
(3) PL.
16.3
0.64
mm
inch
ø
ø
TWO OUTSIDE PINS ONLY PRESENT FOR
OUTPUT CURRENTS OVER 50 A
(PACKAGE 2)
SECOND BCM FOR DUAL BCM MODELS
PACKAGING CONFIGURATIONS
PACKAGE STYLE
DESCRIPTION
1
Single output pins
2
Dual output pins
INPUT FUSING
V•I Chips are not internally fused in order to provide
flexibility in power system configuration. However, input
line fusing of V•I Chips must always be incorporated
within the power system. The input line fuse should be
placed in series with +IN.
Bus Converter
Little Fuse
San–O
Little Fuse
Model No.
Nano 451/453
SV 12/14
3AB
Series
5/20 Series
Series
I048C030T015P1
6.3 A
I048C030T021P2
8 A
I048C030T030P2
12 A
I048C040T020P1
8 A
I048C040T024P2
10 A
I048C040T040P2
15 A
I048C060T027P1
12 A
I048C060T054P2
25 A
I048C080T030P1
12 A
I048C080T040P1
15 A
I048C080T060P2
25 A
I048C096T024P1
10 A
I048C096T048P1
20A
I048C120T020P1
8 A
I048C120T030P1
12 A
I048C120T040P1
15 A
I048C120T060P1
25 A
I048C160T030P1
12 A
I048C160T060P1
25 A
I048C240T030P1
12 A
I048C240T060P1
25 A
I048C480T030P1
12 A
I048C480T060P1
25 A
INPUT FUSE VALUE




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
D048C010T010M2NDC-DC Converters Quarter Brick 48 Vin Family 1 2 3 4 5 MoreVicor Corporation
PTHXX050YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
PTHXX060YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
GS120120W/175W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
GS70T30070W/100W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
SIL40C24.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated 1 2 3 4 Artesyn Technologies
SAB8288ABus Controller for SAB 8086 Family Processors 1 2 3 4 5 MoreSiemens Semiconductor Group
ISL6744Intermediate Bus PWM Controller 1 2 3 4 5 MoreIntersil Corporation
IDT74CBTLV3244LOW-VOLTAGE OCTAL BUS SWITCH 1 2 3 4 5 Integrated Device Technology
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl