Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1888 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1888
Description  Low-Cost Integrated Offset Logic for Notebook CPU Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1888 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1888 Datasheet HTML 1Page - Maxim Integrated Products MAX1888 Datasheet HTML 2Page - Maxim Integrated Products MAX1888 Datasheet HTML 3Page - Maxim Integrated Products MAX1888 Datasheet HTML 4Page - Maxim Integrated Products MAX1888 Datasheet HTML 5Page - Maxim Integrated Products MAX1888 Datasheet HTML 6Page - Maxim Integrated Products MAX1888 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low-Cost Integrated Offset Logic for Notebook
CPU Power Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
PERF, SUS, DPSLP, BOM, PSM, BSM to GND ........-0.3V to +6V
Continuous Power Dissipation
8-Pin µMAX (derate 4.5mW/°C above +70°C) ...........362.0mW
Extended Operating Temperature.......................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VCC = +5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range (VCC)
3.0
5.5
V
BIAS
All inputs = 0
< 0.01
1
Quiescent Supply Current (VCC)
All inputs = 1.5V
10
30
µA
LOGIC AND I/Os
Logic Input High Voltage
(PERF, SUS, DPSLP),
Hysteresis = 40mV (typ)
3V < VCC < 5.5V
1.2
V
0.4
Logic Input Low Voltage
(PERF, SUS, DPSLP),
Hysteresis = 40mV (typ)
3V < VCC < 5.5V
0.3
V
Logic Input Current
-1
1
µA
ILOAD = 5mA
20
50
Output On-Resistance
(BOM, BSM, PSM)
ILOAD = 5mA, 3V < VCC < 5.5V
100
Output Leakage Current
(BOM, BSM, PSM)
V(pin) = 5V
< 0.01
1
µA
DYNAMICS
Falling edge, 1.5V to 0V step in 2ns
700
Propagation Delay
Rising edge, 0 to 1.5V step in 2ns
70
ns


Similar Part No. - MAX1888

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX188 MAXIM-MAX188 Datasheet
796Kb / 32P
   Triple-Output TFT LCD Power Supply with Fault Protection
MAX1880 MAXIM-MAX1880 Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
MAX1880EUG MAXIM-MAX1880EUG Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
MAX1880 MAXIM-MAX1880_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
MAX1881 MAXIM-MAX1881 Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
More results

Similar Description - MAX1888

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2779A ALSC-P2779A Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
logo
ON Semiconductor
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
NTE Electronics
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
   Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
Maxim Integrated Produc...
MAX8710 MAXIM-MAX8710 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com