Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA20 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSA20
Description  Amplifier Transistor NPN Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA20 Datasheet(HTML) 2 Page - ON Semiconductor

  MPSA20 Datasheet HTML 1Page - ON Semiconductor MPSA20 Datasheet HTML 2Page - ON Semiconductor MPSA20 Datasheet HTML 3Page - ON Semiconductor MPSA20 Datasheet HTML 4Page - ON Semiconductor MPSA20 Datasheet HTML 5Page - ON Semiconductor MPSA20 Datasheet HTML 6Page - ON Semiconductor MPSA20 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPSA20
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage (Note 2)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Emitter −Base Breakdown Voltage
(IE = 100 mAdc, IC = 0)
V(BR)EBO
4.0
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 2)
(IC = 5.0 mAdc, VCE = 10 Vdc)
hFE
40
400
Collector −Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
0.25
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain − Bandwidth Product (Note 2)
(IC = 5.0 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
125
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+3.0 V
275
CS < 4.0 pF*
10 k
+3.0 V
275
CS < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
+10.9 V
−0.5 V
<1.0 ns
10 < t1 < 500 ms
DUTY CYCLE = 2%
+10.9 V
0
−9.1 V
< 1.0 ns
t1


Similar Part No. - MPSA20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA20 MOTOROLA-MPSA20 Datasheet
412Kb / 8P
   Amplifier Transistor
logo
Central Semiconductor C...
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MPSA20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Boca Semiconductor Corp...
2N930 BOCA-2N930 Datasheet
144Kb / 4P
   AMPLIFIER TRANSISTOR (NPN SILICON)
logo
ON Semiconductor
MPS6428 ONSEMI-MPS6428 Datasheet
57Kb / 4P
   Amplifier Transistor(NPN Silicon)
1996
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
SUNMATE electronic Co.,...
BC546A SUNMATE-BC546A Datasheet
540Kb / 4P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
   AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MPS6571 NJSEMI-MPS6571 Datasheet
68Kb / 2P
   Amplifier Transistor NPN Silicon
logo
Motorola, Inc
MPS-U07 MOTOROLA-MPS-U07 Datasheet
145Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com