Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6397XC-D Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU6397XC-D
Description  3rd. Over Tone Quartz Crystal Oscillator for 135MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6397XC-D Datasheet(HTML) 5 Page - New Japan Radio

  NJU6397XC-D Datasheet HTML 1Page - New Japan Radio NJU6397XC-D Datasheet HTML 2Page - New Japan Radio NJU6397XC-D Datasheet HTML 3Page - New Japan Radio NJU6397XC-D Datasheet HTML 4Page - New Japan Radio NJU6397XC-D Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2002/07/15 ( 5 / 5 )
NJU6397 Series
sMEASURMENT CIRCUITS
(1)Output Signal Symmetry(CL=15pF)
(2)Output Signal Rise/Fall Time(CL=15pF)
(3)Output Disable/Enable Time(CL=15pF,RUP=10k
Ω)
[CAUTION]
The specifications on this data book are only
given for information , without any guarantee
as regards either mistakes or omissions.
The application circuits in this data book are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
CL=15pF
Pulse
Generator
1000pF
50
VDD
VSS
XT
FOUT
L
1/2VDD
H
CL=15pF
Pulse
Generator
1000pF
50
VDD
VSS
XT
FOUT
tr
tf
90%
10%
50%
RUP=10k
CL=15pF
Pulse
Generator
50
VDD
VSS
XT
FOUT
CONT
TPLZ
TPZL
0.2VDD
VOL
0.8VDD
VOH
FOUT
CONT


Similar Part No. - NJU6397XC-D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6391 NJRC-NJU6391 Datasheet
299Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6391A NJRC-NJU6391A Datasheet
299Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6391B NJRC-NJU6391B Datasheet
299Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6391C NJRC-NJU6391C Datasheet
299Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6393 NJRC-NJU6393 Datasheet
81Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR?
More results

Similar Description - NJU6397XC-D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6333 NJRC-NJU6333 Datasheet
310Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6362A NJRC-NJU6362A Datasheet
149Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR?
NJU6393 NJRC-NJU6393 Datasheet
81Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR?
NJU6391 NJRC-NJU6391 Datasheet
299Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6361A NJRC-NJU6361A Datasheet
162Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6321 NJRC-NJU6321 Datasheet
279Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com