Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD15N06L Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD15N06L
Description  Power MOSFET 15 Amps, 60 Volts, Logic Level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD15N06L Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NTD15N06L Datasheet HTML 2Page - ON Semiconductor NTD15N06L Datasheet HTML 3Page - ON Semiconductor NTD15N06L Datasheet HTML 4Page - ON Semiconductor NTD15N06L Datasheet HTML 5Page - ON Semiconductor NTD15N06L Datasheet HTML 6Page - ON Semiconductor NTD15N06L Datasheet HTML 7Page - ON Semiconductor NTD15N06L Datasheet HTML 8Page - ON Semiconductor NTD15N06L Datasheet HTML 9Page - ON Semiconductor NTD15N06L Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NTD15N06L
http://onsemi.com
7
INFORMATION FOR USING THE DPAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the
total design. The footprint for the semiconductor packages
must be the correct size to ensure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
DPAK
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
The power dissipation for a surface mount device is a
function of the drain pad size. These can vary from the
minimum pad size for soldering to a pad size given for
maximum power dissipation. Power dissipation for a
surface mount device is determined by TJ(max), the
maximum rated junction temperature of the die, RJA, the
thermal resistance from the device junction to ambient, and
the operating temperature, TA. Using the values provided
on the data sheet, PD can be calculated as follows:
PD =
TJ(max) − TA
RJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device. For a
DPAK device, PD is calculated as follows.
PD =
175
°C − 25°C
71.4
°C/W
= 2.1 Watts
The 71.4
°C/W for the DPAK package assumes the use of
0.5 sq. in. source pad on a glass epoxy printed circuit board
to achieve a power dissipation of 2.1 W. There are other
alternatives to achieving higher power dissipation from the
surface mount packages. One is to increase the area of the
drain pad. By increasing the area of the drain pad, the
power dissipation can be increased. Although one can
almost double the power dissipation with this method, one
will be giving up area on the printed circuit board which
can defeat the purpose of using surface mount technology.
For example, a graph of RJA versus drain pad area is shown
in Figure 15.
Figure 15. Thermal Resistance versus Drain Pad
Area for the DPAK Package (Typical)
2.1 Watts
Board Material = 0.0625″
G−10/FR−4, 2 oz Copper
80
100
60
40
20
10
8
6
4
2
0
3.6 Watts
6.0 Watts
TA = 25°C
A, AREA (SQUARE INCHES)


Similar Part No. - NTD15N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD15N06 ONSEMI-NTD15N06 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTD15N06-1 ONSEMI-NTD15N06-1 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTD15N06T4 ONSEMI-NTD15N06T4 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
More results

Similar Description - NTD15N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
NTP75N06L ONSEMI-NTP75N06L Datasheet
72Kb / 8P
   POWER MOSFET 75 AMPS, 60 VOLTS, LOGIC LEVEL
April, 2001 ??Rev. 0
NTD20N06L ONSEMI-NTD20N06L Datasheet
89Kb / 12P
   Power MOSFET 20 Amps, 60 Volts, Logic Level
August, 2003 ??Rev. 1
NTD15N06 ONSEMI-NTD15N06 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com