Selected language     English  ▼


I048C480T060P1 Datasheet(PDF) 1 Page - Vicor Corporation

Part No. I048C480T060P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 1 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
Quarter-Brick Intermediate Bus Converters
Rev. 1.3
Page 1 of 8
Factorized Power
45
Absolute Maximum Ratings
Parameter
Typ
Unit
VIC to ambient; 0 LFM (Single BCM)
13.3
°C/W
VIC to ambient; 0 LFM (Dual BCM)
11.7
°C/W
VIC to ambient; 200 LFM (Single BCM)
6.1
°C/W
VIC to ambient; 200 LFM (Dual BCM)
4.3
°C/W
Thermal capacity (Single BCM)
14.3
Ws/°C
Thermal capacity (Dual BCM)
22.8
Ws/°C
Thermal Resistance and Capacity
Features
• Up to 600 W
• 95% efficiency @ 3 Vdc
• 600 W @ 55ºC, 400 LFM
• 125°C operating temperature
• 400 W/in
3 power density
• 38-55 Vdc input range
• 100 V input surge for 100 ms
• SAC topology
• Low noise ZCS/ZVS architecture
• 3.5 MHz switching frequency
• Fast dynamic response
• Parallelable, with fault tolerance
• 2,250 Vdc basic insulation
Product Overview
These "VIC-in-a-Brick" Intermediate Bus
Converter (IBC) modules use Vicor’s
V•I Chip Bus Converter Modules (BCM)
to achieve the highest performance for
Intermediate Bus Architecture applications.
Operating from a 38-55 Vdc input, ten
different fixed ratio outputs are available
from 3 to 48 Vdc. You can choose the
intermediate bus voltage that is optimal for
your system and load requirements.
These quarter-bricks are available with a
single BCM, rated up to 300 W or 70 A, or
with dual BCMs, capable of 600 W or 100 A.
Dual output pins are used for output
currents over 50 A.
Utilizing breakthrough Sine Amplitude
Converter (SAC) technology, BCMs offer
the highest efficiency, lowest noise, fastest
transient response and highest power
density. And full load power is available at
55ºC with only 200 LFM of air for single
BCM versions and 400 LFM for dual BCM
versions, without a heatsink.
Parameter
Rating
Unit
Notes
+In to –In voltage
Continuous
-1.0 to +60.0
Vdc
Surge
100
Vdc
<100ms
PC to –In voltage
-0.3 to +7.0
Vdc
Isolation voltage
Basic Insulation
Input to output
2,250
Vdc
In/Out to heat sink
1,500
Vdc
Operating temperature
-40 to +125
°C
Junction
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
PRELIMINARY
V•I ChipTM
VIC-in-a-Brick
Intermediate Bus Converters
Quarter-Brick, 48 Vin Family
3 to 48 Vdc Bus Voltages; 100 A - 600 W Output
+
V•I
K
+
©




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
D048C010T010M2NDC-DC Converters Quarter Brick 48 Vin Family 1 2 3 4 5 MoreVicor Corporation
PTHXX050YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
PTHXX060YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
GS120120W/175W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
GS70T30070W/100W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
SIL40C24.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated 1 2 3 4 Artesyn Technologies
SAB8288ABus Controller for SAB 8086 Family Processors 1 2 3 4 5 MoreSiemens Semiconductor Group
ISL6744Intermediate Bus PWM Controller 1 2 3 4 5 MoreIntersil Corporation
IDT74CBTLV3244LOW-VOLTAGE OCTAL BUS SWITCH 1 2 3 4 5 Integrated Device Technology
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl