Selected language     English  ▼


I048C480T060P1 Datasheet(PDF) 2 Page - Vicor Corporation

Part No. I048C480T060P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 2 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
Quarter-Brick Intermediate Bus Converters
Rev. 1.3
Page 2 of 8
Factorized Power
PRELIMINARY
PART NUMBERING
Nominal
Input Voltage
Nominal
Output
Voltage (x10)
C = 1/4 Brick
Product
Grade
T= -40 to 125°C
Package
Style
(See pg 7)
Enable
Polarity
P=”+”
M=”–”
(see note 3)
Output
Power
(x 0.1
Format
I = IBC
Output
Full Load
Bus Converter
Number
K Factor
Full Load
ROUT
Max Load
Voltage
Output (Note 2)
Model No.
of
(Transformation
Efficiency
Capacitance
(see note 1)
Watts
Amps
(see note 3)
BCMs
Ratio)
(%)
(mΩ)
(see note 4)
3.0
150
50 *
I048C030T015P1
1
1/16
95.5
2.0
31,000 µF
210
70
I048C030T021P2
1
94.7
2.0
31,000 µF
300
100 **
I048C030T030P2
2
94.6
1.0
62,000 µF
4.0
200
50 *
I048C040T020P1
1
1/12
96.0
2.3
17,000 µF
240
60
I048C040T024P2
1
95.4
1.2
17,000 µF
400
100 **
I048C040T040P2
2
96.0
1.2
34,000 µF
6.0
270
45
I048C060T027P1
1
1/8
96.2
4.0
7,600 µF
540
90
I048C060T054P2
2
2.0
15,200 µF
8.0
300
37
I048C080T030P1
1
1/6
96.3
7.2
4,300 µF
400
50 ***
I048C080T040P1
2
96.9
3.6
8,600 µF
600
75
I048C080T060P2
2
96.3
3.6
8,600 µF
9.6
240
25
I048C096T024P1
1
1/5
96.3
10.0
3,000 µF
480
50
I048C096T048P1
2
5.1
6,000 µF
12
200
17
I048C120T020P1****
1
1/4
95.7
20.5
1,000 µF
300
25
I048C120T030P1
1
96.7
13.0
1,000 µF
400
34
I048C120T040P1****
2
95.7
10.3
2,000 µF
600
50
I048C120T060P1
2
96.7
6.5
2,000 µF
16
300
18.8
I048C160T030P1
1
1/3
96.8
20.0
900 µF
600
37.5
I048C160T060P1
2
10.0
1,800 µF
24
300
12.5
I048C240T030P1
1
1/2
97.2
42.0
470 µF
600
25
I048C240T060P1
2
21.0
940 µF
32
300
9.4
I048C320T030P1
1
2/3
97.0
67.0
200 µF
600
18.7
I048C320T060P1
2
400 µF
48
300
6.3
I048C480T030P1
1
1
97.0
150.0
100 µF
600
12.5
I048C480T060P1
2
75.0
200 µF
*
Full load capability is actually 70 A at 3 V and 60 A at 4 V. The maximum rating of the output pins is 50 A.
**
Full load capability is actually 140 A at 3 V and 120 A at 4 V. The maximum rating of the output pins is 100 A.
***
Full load capability is actually 75 A. The maximum rating of the output pins is 50 A.
****
Input voltage range is 42 V min to 53 V max.
Notes:
1: Output voltage at 48 Vdc input, no load and 25°C temperature.
2: Maximum power and current ratings should not be exceeded under normal operating conditions.
3: The ending "P" indicates positive enable logic (pull PC pin low to disable). Change to "M" to
indicate negative logic (pull PC pin low to enable).
4: Exceeding this value can cause the unit not to turn on into load.
PRODUCT MATRIX
I
048
C
030
T
015
P
2




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
D048C010T010M2NDC-DC Converters Quarter Brick 48 Vin Family 1 2 3 4 5 MoreVicor Corporation
PTHXX050YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
PTHXX060YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
GS120120W/175W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
GS70T30070W/100W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
SIL40C24.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated 1 2 3 4 Artesyn Technologies
SAB8288ABus Controller for SAB 8086 Family Processors 1 2 3 4 5 MoreSiemens Semiconductor Group
ISL6744Intermediate Bus PWM Controller 1 2 3 4 5 MoreIntersil Corporation
IDT74CBTLV3244LOW-VOLTAGE OCTAL BUS SWITCH 1 2 3 4 5 Integrated Device Technology
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl