Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM10M45SD-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM10M45SD-7
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM10M45SD-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM10M45SD-7 Datasheet HTML 1Page - Diodes Incorporated SDM10M45SD-7 Datasheet HTML 2Page - Diodes Incorporated SDM10M45SD-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30386 Rev. 1 - 2
1 of 3
SDM10M45SD
www.diodes.com
ã Diodes Incorporated
SDM10M45SD
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
RMS Reverse Voltage
VR(RMS)
40
V
Forward Continuous Current (Note 1)
IFM
100
mA
Forward Surge Current
@ t < 8.3ms
IFSM
1.0
A
Power Dissipation (Note 1)
Pd
225
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
444
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-40 to +125
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Note:
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test to minimize self-heating effect.
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
45
¾¾¾
IR = 100
mA
Forward Voltage (Note 2)
VF
¾
370
450
mV
IF = 10mA
Reverse Leakage Current (Note 2)
IR
¾
0.07
1.0
mA
VR = 10V
Total Capacitance
CT
¾
6.0
¾
pF
VR = 10V, f = 1.0MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Case: SOT-26, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: KLG, See Page 2
·
Weight: 0.016 grams (approx.)
·
Ordering Information: See Below
Mechanical Data
A
M
J
L
D
F
B C
H
K
TOP VIEW
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
For General Purpose Switching Applications
·
High Conductance
Ordering Information (Note 3)
Device
Packaging
Shipping
SDM10M45SD-7
SOT-26
3000/Tape & Reel
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
¾¾
0.95
F
¾¾
0.55
H
2.90
3.10
3.00
J
0.013 0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
a
0
°
8
°¾
All Dimensions in mm
SPICE MODELS: SDM10M45SD


Similar Part No. - SDM10M45SD-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM10M45SD-7-F DIODES-SDM10M45SD-7-F Datasheet
85Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30386 Rev. 4 - 2
SDM10M45SD-7-F DIODES-SDM10M45SD-7-F Datasheet
116Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30386 Rev. 6 - 2
More results

Similar Description - SDM10M45SD-7

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com