Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-1218 Datasheet(PDF) 3 Page - Stanford Microdevices

Part # SPA-1218
Description  1960 MHz 1 Watt Power Amp with Active Bias
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SPA-1218 Datasheet(HTML) 3 Page - Stanford Microdevices

  SPA-1218 Datasheet HTML 1Page - Stanford Microdevices SPA-1218 Datasheet HTML 2Page - Stanford Microdevices SPA-1218 Datasheet HTML 3Page - Stanford Microdevices SPA-1218 Datasheet HTML 4Page - Stanford Microdevices SPA-1218 Datasheet HTML 5Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary
Preliminary
SPA-1218 1950 MHz 1 Watt Power Amp.
3
EDS-101428 Rev A
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
522 Almanor Ave., Sunnyvale, CA 94085
1930-1990 MHz Schematic
1930-1990 MHz Evaluation Board Layout
Vcc
1.8 pF
22nH,
LL1608-FS
270pF
0.047uF
10uF,
Tantalum
68pF
22pF
Z=50
Ω, 23.6°
390
1
2
3
4
8
7
6
5
100nH,
LL1608-FS
Vpc
Vcc
SOIC-8 PA
ECB-101161 Rev. B
Eval Board
Vbias
1.8pF
22nH
270pF
0.047uF
10uF Tantalum
100nH
22pF
68pF
LL1608-FS
390W
LL1608-FS


Similar Part No. - SPA-1218

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1218

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2318Z RFMD-SPA2318Z Datasheet
646Kb / 8P
   1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com