Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX86251 Datasheet(PDF) 6 Page - Macronix International

Part # MX86251
Description  3D graphic chipset
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX86251 Datasheet(HTML) 6 Page - Macronix International

Back Button MX86251 Datasheet HTML 2Page - Macronix International MX86251 Datasheet HTML 3Page - Macronix International MX86251 Datasheet HTML 4Page - Macronix International MX86251 Datasheet HTML 5Page - Macronix International MX86251 Datasheet HTML 6Page - Macronix International MX86251 Datasheet HTML 7Page - Macronix International MX86251 Datasheet HTML 8Page - Macronix International MX86251 Datasheet HTML 9Page - Macronix International MX86251 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
MX86251
P/N:PM0476
REV. 1.2 , FEB 11, 1998
pare function block in the Graphics Co-processor checks
each pixel against the Key color. If a match is found, the
pixel is not written, preserving the background around
the sprite. Thus, an irregular shape is BLTed using a fast
rectangle draw.
In the MX86251, the Color Key can be in the Source or
the Destination bitmap.Transparent Blt uses Source Color
Key. The Destination Color Key can be used to protect
screen areas. A mask register is defined to allow the key
color be a range of color values instead of a single value.
2.3 Memory Controller
The MX86251 Memory Controller module interfaces to
the frame buffer DRAM chips which can operate in either
fast page mode, or Extended Data Out (EDO) mode. The
frame buffer size can be 1, 2, or 4 Megabytes. Industry
standard 256K by 4, by 8, or by 16 DRAM chips are sup-
ported. The Memory Controller performs the page mode
cycle in either 2 clock cycle or 1 clock cycle, depending
on the DRAM types being used. The highest bandwidth
is delivered using -50 EDO DRAM with 20 ns page cycle
time and a 50 MHz memory clock, yielding a 400MB peak
bandwidth. The MX86251 is capable of even higher
Memory clock speed. As faster EDO DRAM (-35 with
15ns page mode cycle time) enters volume production,
the MX86251 will deliver 533 MB/sec bandwidth which is
comparable to premium priced DRAMs such as 66 Mhz
SGRAM / SDRAM, or RAMBUS RDRAM.
The center of the Memory Controller is an intricate arbi-
ter which receives memory access requests from the
Graphics Co-processor for Bitblt cycles, the Display con-
troller for screen fetch, the Video Processor for video play-
back, the PCI Bus interface for CPU access, the Hard-
ware Cursor for cursor bitmap fetch, and the DRAM re-
fresh cycle request.The arbiter allocates memory cycles
according to priority. For example, the Display Processor
has higher priority than the Graphics Co-processor.
A 32-level 64-bit FIFO is implemented to buffer the pixels
fetched from display memory for the screen refresh and
video playback. The FIFO entries can be flexibly allocated
between three different processors: Graphics, Video line
1 and Video line 2. This flexibility works to optimize per-
formance across various screen resolutions and video
playback operations.
The Memory Controller generates all DRAM cycles. Its
logic is carefully designed to optimize DRAM cycle tim-
ing parameters. For example, the DRAM entry cycle which
is the time from RAS precharge to the end of first CAS
cycle is optimized to the minimum of 4 clock cycles, ver-
sus the commonly seen 5 or 6 clock cycles in other GUI
chips. Another example is that of EDO DRAM read cycle.
The MX86251 eliminates the one extra clock cycle at the
end of page mode cycles.
Unified Memory Architecture
The MX86251 fully supports the VESA Unified Memory
Architecture (VUMA) standard. The Memory Controller
implements the VUMA standard RQ/GNT state machine
which supports two request priorities. Bus parking is pro-
vided to minimize bus switch overhead. DRAM read and
write operations in UMA mode can have programmable
number of wait states to accommodate the wide varia-
tion in main system DRAM module access speed. In ad-
dition, the DRAM interface drivers have programmable
drive strength to work with wide range of DRAM inter-
face loading on system motherboards.
2.4 PCI Bus Interface Unit
The MX86251 Bus Interface Unit (BIU) implements a
glueless connection to industry standard PCI local bus
which is compliant with Windows 95 Plug’n’Play require-
ment.
PCI bus speed can be up to 33 MHz. For peak transfer
rate between host CPU and the MX86251, zero wait state
PCI burst cycles are supported. The resultant 133 MB
per second bandwidth greatly enhances the performance
level of Graphics intensive software such as Windows
GUI and AutoCAD that do lots of direct accesses to video
memory.
The BIU has an 8 level command and data FIFOs to buffer
host transfers and enables concurrent operations of the
host CPU, the graphics engine and the Video Processor.
The PCI Rev. 2.1 disconnect and retry protocol is fully
supported eliminating the delays of host CPU polling for
BIU FIFO status.
2.5 Video Processor
The MX86251 Video Processor accelerates the playback
of AVI or MPEG video decoded by a software Codec such
as Cinepak, Indeo, or MPEG-1. Profiling of the task load
INDEX


Similar Part No. - MX86251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX86250 ETC1-MX86250 Datasheet
134Kb / 25P
   THE ADVANCED 64-BIT WINDOWS-95 AND DIRECTDRAW ACCELERATOR
More results

Similar Description - MX86251

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AES-6100B AAEON-AES-6100B Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
   Chipset
logo
STMicroelectronics
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
   iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
   iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
March 2015 Rev 3
logo
SICK AG
IVC-3D51112 SICK-IVC-3D51112 Datasheet
477Kb / 8P
   3D VISION
IVC-3D11113 SICK-IVC-3D11113 Datasheet
514Kb / 8P
   3D VISION
IVC-3D41111 SICK-IVC-3D41111 Datasheet
458Kb / 8P
   3D VISION
IVC-3D51113 SICK-IVC-3D51113 Datasheet
514Kb / 8P
   3D VISION
IVC-3D11111 SICK-IVC-3D11111 Datasheet
458Kb / 8P
   3D VISION
IVC-3D21113 SICK-IVC-3D21113 Datasheet
514Kb / 8P
   3D VISION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com