Electronic Components Datasheet Search |
|
S-80834CLUA-B6T-T2 Datasheet(PDF) 4 Page - Seiko Instruments Inc |
|
S-80834CLUA-B6T-T2 Datasheet(HTML) 4 Page - Seiko Instruments Inc |
4 / 54 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-808xxC Series Rev.3.2_00 4 Seiko Instruments Inc. 1-3. TO-92 package S-808xx C x Y − x Packing form B: Bulk T: Tape and reel Z: Tape and ammo Package code Y: TO-92 Output form N: Nch open-drain output (Active Low) L: CMOS output (Active Low) Detection voltage value 15 to 60 (e.g. When the detection voltage is 1.5 V, it is expressed as 15.) 2. Product Name List 2-1. Nch Open-drain Output Products Table 1 (1/2) Detection voltage range Hysteresis width (Typ.) SC-82AB SOT-23-5 SOT-89-3 0.8 V ±2.0 % 0.034 V S-80808CNNB-B9M-T2 0.9 V ±2.0 % 0.044 V S-80809CNNB-B9N-T2 1.0 V ±2.0 % 0.054 V S-80810CNNB-B9O-T2 1.1 V ±2.0 % 0.064 V S-80811CNNB-B9P-T2 1.2 V ±2.0 % 0.073 V S-80812CNNB-B9Q-T2 1.3 V ±2.0 % 0.083 V S-80813CNNB-B9R-T2 1.4 V ±2.0 % 0.093 V S-80814CNNB-B9S-T2 1.5 V ±2.0 % 0.075 V S-80815CNNB-B8A-T2 S-80815CNMC-B8A-T2 S-80815CNUA-B8A-T2 1.6 V ±2.0 % 0.080 V S-80816CNNB-B8B-T2 S-80816CNMC-B8B-T2 S-80816CNUA-B8B-T2 1.7 V ±2.0 % 0.085 V S-80817CNNB-B8C-T2 S-80817CNMC-B8C-T2 S-80817CNUA-B8C-T2 1.8 V ±2.0 % 0.090 V S-80818CNNB-B8D-T2 S-80818CNMC-B8D-T2 S-80818CNUA-B8D-T2 1.9 V ±2.0 % 0.095 V S-80819CNNB-B8E-T2 S-80819CNMC-B8E-T2 S-80819CNUA-B8E-T2 2.0 V ±2.0 % 0.100 V S-80820CNNB-B8F-T2 S-80820CNMC-B8F-T2 S-80820CNUA-B8F-T2 2.1 V ±2.0 % 0.105 V S-80821CNNB-B8G-T2 S-80821CNMC-B8G-T2 S-80821CNUA-B8G-T2 2.2 V ±2.0 % 0.110 V S-80822CNNB-B8H-T2 S-80822CNMC-B8H-T2 S-80822CNUA-B8H-T2 2.3 V ±2.0 % 0.115 V S-80823CNNB-B8I-T2 S-80823CNMC-B8I-T2 S-80823CNUA-B8I-T2 2.4 V ±2.0 % 0.120 V S-80824CNNB-B8J-T2 S-80824CNMC-B8J-T2 S-80824CNUA-B8J-T2 2.4 V typ. 4.4 ± 0.1 V *1 S-80824KNUA-D2B-T2 *2 2.5 V ±2.0 % 0.125 V S-80825CNNB-B8K-T2 S-80825CNMC-B8K-T2 S-80825CNUA-B8K-T2 2.6 V ±2.0 % 0.130 V S-80826CNNB-B8L-T2 S-80826CNMC-B8L-T2 S-80826CNUA-B8L-T2 2.7 V ±2.0 % 0.135 V S-80827CNNB-B8M-T2 S-80827CNMC-B8M-T2 S-80827CNUA-B8M-T2 2.8 V ±2.0 % 0.140 V S-80828CNNB-B8N-T2 S-80828CNMC-B8N-T2 S-80828CNUA-B8N-T2 2.9 V ±2.0 % 0.145 V S-80829CNNB-B8O-T2 S-80829CNMC-B8O-T2 S-80829CNUA-B8O-T2 3.0 V ±2.0 % 0.150 V S-80830CNNB-B8P-T2 S-80830CNMC-B8P-T2 S-80830CNUA-B8P-T2 3.1 V ±2.0 % 0.155 V S-80831CNNB-B8Q-T2 S-80831CNMC-B8Q-T2 S-80831CNUA-B8Q-T2 |
Similar Part No. - S-80834CLUA-B6T-T2 |
|
Similar Description - S-80834CLUA-B6T-T2 |