Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V040F033T060 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V040F033T060
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V040F033T060 Datasheet(HTML) 3 Page - Vicor Corporation

  V040F033T060 Datasheet HTML 1Page - Vicor Corporation V040F033T060 Datasheet HTML 2Page - Vicor Corporation V040F033T060 Datasheet HTML 3Page - Vicor Corporation V040F033T060 Datasheet HTML 4Page - Vicor Corporation V040F033T060 Datasheet HTML 5Page - Vicor Corporation V040F033T060 Datasheet HTML 6Page - Vicor Corporation V040F033T060 Datasheet HTML 7Page - Vicor Corporation V040F033T060 Datasheet HTML 8Page - Vicor Corporation V040F033T060 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T12AL
Rev. 1.0
Page 3 of 14
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
36
48
75
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
33.8
35.3
Vdc
Input undervoltage turn-off
30.5
31.8
Vdc
Input overvoltage turn-on
75.8
77.3
Vdc
Input overvoltage turn-off
78.8
81.0
Vdc
Input quiescent current
0.5
1
mA
PC low
Input current
2.6
Adc
Input reflected ripple current
280
mA p-p
See Figures 4 & 5
No load power dissipation
2
4
W
Internal input capacitance
5
µF
Ceramic
Recommended external input capacitance
100
µF
See Figure 5 for input filter circuit.
Source impedance dependent
Input Specs (Conditions are at 48 Vin, 48 Vf, full load, and 25°C ambient unless otherwise specified)
Figure 3 — Vf turn-on waveform with inrush current – PC enabled at
full load, 48 Vin
Figure 2 — Vf and PC response from power up
Figure 4 — Input reflected ripple current at full load and 48 Vin
Input Waveforms
+IN
–IN
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
100
μF
Al-Electrolytic
Reflected
Ripple
Measurement
2.37 k
Ω
+ OUT
– OUT
10 A
Figure 5 — Input filter capacitor recommendation
Electrical Specifications
V•I Chip Pre-Regulator Module


Similar Part No. - V040F033T060

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V040F033T060 VICOR-V040F033T060 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
More results

Similar Description - V040F033T060

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com