Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4981SQ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4981SQ
Description  Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4981SQ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4981SQ Datasheet HTML 5Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 6Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 7Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 8Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 9Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 10Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 11Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 12Page - National Semiconductor (TI) LM4981SQ Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
V
DD = 3.6V, RL =32
Ω, f = 1kHz, one channel
THD+N vs Output Power
V
DD = 3.6V, RL =32
Ω, f = 1kHz, two channels
20147370
20147371
THD+N vs Output Power
V
DD = 4.2V, RL =16
Ω, f = 1kHz, one channel
THD+N vs Output Power
V
DD = 4.2V, RL =16
Ω, f = 1kHz, two channels
20147372
20147373
THD+N vs Output Power
V
DD = 4.2V, RL =32
Ω, f = 1kHz, one channel
THD+N vs Output Power
V
DD = 4.2V, RL =32
Ω, f = 1kHz, two channels
20147374
20147375
www.national.com
9


Similar Part No. - LM4981SQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
   2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4980SD NSC-LM4980SD Datasheet
1Mb / 20P
   2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4982TL NSC-LM4982TL Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4981SQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com