Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA06RLRM Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSA06RLRM
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA06RLRM Datasheet(HTML) 2 Page - ON Semiconductor

  MPSA06RLRM Datasheet HTML 1Page - ON Semiconductor MPSA06RLRM Datasheet HTML 2Page - ON Semiconductor MPSA06RLRM Datasheet HTML 3Page - ON Semiconductor MPSA06RLRM Datasheet HTML 4Page - ON Semiconductor MPSA06RLRM Datasheet HTML 5Page - ON Semiconductor MPSA06RLRM Datasheet HTML 6Page - ON Semiconductor MPSA06RLRM Datasheet HTML 7Page - ON Semiconductor MPSA06RLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPSA05, MPSA06, MPSA55, MPSA56
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 2.)
(IC = 1.0 mAdc, IB = 0)
MPSA05, MPSA55
MPSA06, MPSA56
V(BR)CEO
60
80
Vdc
Emitter − Base Breakdown Voltage (IE = 100 µAdc, IC = 0)
V(BR)EBO
4.0
Vdc
Collector Cutoff Current (VCE = 60 Vdc, IB = 0)
ICES
0.1
µAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
MPSA05, MPSA55
(VCB = 80 Vdc, IE = 0)
MPSA06, MPSA56
ICBO
0.1
0.1
µAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
hFE
100
100
Collector − Emitter Saturation Voltage
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.25
Vdc
Base−Emitter On Voltage
(IC = 100 mAdc, VCE = 1.0 Vdc)
VBE(on)
1.2
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product (Note 3.)
(IC = 10 mA, VCE = 2.0 V, f = 100 MHz)
MPSA05
MPSA06
(IC = 100 mAdc, VCE = 1.0 Vdc, f = 100 MHz)
MPSA55
MPSA56
fT
100
50
MHz
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
3. fT is defined as the frequency at which |hfe| extrapolates to unity.
Figure 1. Switching Time Test Circuits
OUTPUT
TURN−ON TIME
−1.0 V
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
0
+10 V
5.0 ms
OUTPUT
TURN−OFF TIME
+VBB
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
5.0 ms
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities


Similar Part No. - MPSA06RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA06RLRM ONSEMI-MPSA06RLRM Datasheet
89Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 3
MPSA06RLRMG ONSEMI-MPSA06RLRMG Datasheet
89Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 3
More results

Similar Description - MPSA06RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com