Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F120T025 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V048F120T025
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F120T025 Datasheet(HTML) 5 Page - Vicor Corporation

  V048F120T025 Datasheet HTML 1Page - Vicor Corporation V048F120T025 Datasheet HTML 2Page - Vicor Corporation V048F120T025 Datasheet HTML 3Page - Vicor Corporation V048F120T025 Datasheet HTML 4Page - Vicor Corporation V048F120T025 Datasheet HTML 5Page - Vicor Corporation V048F120T025 Datasheet HTML 6Page - Vicor Corporation V048F120T025 Datasheet HTML 7Page - Vicor Corporation V048F120T025 Datasheet HTML 8Page - Vicor Corporation V048F120T025 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T24AL
Rev. 1.7
Page 5 of 14
PRELIMINARY
Electrical Specifications (continued)
V•I Chip Pre-Regulator Module
Efficiency vs. Output Current
78
80
82
84
86
88
90
92
94
96
98
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (A)
36V
48V
75V
Vin
Figure 7 — Efficiency vs. output current at 36 Vf
Efficiency vs. Output Current
78
80
82
84
86
88
90
92
94
96
98
0.5
1.0
1.6
2.0
2.5
3.0
3.5
4.0
4.6
5.0
Output Current (A)
36V
48V
75V
Vin
Figure 8 — Efficiency vs. output current at 26 Vf
Efficiency Graphs
Efficiency vs. Output Current
78
80
82
84
86
88
90
92
94
96
98
0.5
1.1
1.5
2.0
2.5
3.0
3.5
4.0
4.6
5.0
Output Current (A)
36V
48V
75V
Vin
Figure 6 — Efficiency vs. output current at 48 Vf


Similar Part No. - V048F120T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F120T025 VICOR-V048F120T025 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F120T025 VICOR-V048F120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F120T025 POWERBOX-V048F120T025 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F120T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T12AL VICOR-P048F048T12AL Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com