Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0343A Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # PF0343A
Description  MOS FET Power Amplifier Module for UHF Band
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0343A Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button PF0343A Datasheet HTML 4Page - Hitachi Semiconductor PF0343A Datasheet HTML 5Page - Hitachi Semiconductor PF0343A Datasheet HTML 6Page - Hitachi Semiconductor PF0343A Datasheet HTML 7Page - Hitachi Semiconductor PF0343A Datasheet HTML 8Page - Hitachi Semiconductor PF0343A Datasheet HTML 9Page - Hitachi Semiconductor PF0343A Datasheet HTML 10Page - Hitachi Semiconductor PF0343A Datasheet HTML 11Page - Hitachi Semiconductor PF0343A Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PF0341A Series
10
η
T
3
2
1
6
5
4
Pout
VSWRin
5
2
1
0
4
3
PC Voltage VPC (V)
Pout,
η
T, VSWR (in) vs. VPC (3)
60
50
40
30
20
10
0
0
13
5
24
f = 400 MHz
Pin = 20 mW
VDD = 4.8 V
η
T
3
2
1
6
5
4
Pout
VSWRin
5
2
1
0
4
3
PC Voltage VPC (V)
Pout,
η
T, VSWR (in) vs. VPC (4)
60
50
40
30
20
10
0
0
13
5
24
f = 430 MHz
Pin = 20 mW
VDD = 4.8 V


Similar Part No. - PF0343A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
logo
KEC(Korea Electronics)
PF0347TE6 KEC-PF0347TE6 Datasheet
435Kb / 1P
   EMI Filtering TVS
More results

Similar Description - PF0343A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
   MOS FET Power Amplifier Module for VHF Band
logo
Toshiba Semiconductor
S-AU83L TOSHIBA-S-AU83L Datasheet
142Kb / 4P
   FM RF POWER AMPLIFIER MODULE for UHF BAND
S-AU82L TOSHIBA-S-AU82L Datasheet
143Kb / 4P
   FM RF POWER AMPLIFIER MODULE for UHF BAND
S-AU68L TOSHIBA-S-AU68L Datasheet
127Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE
S-AU68M TOSHIBA-S-AU68M Datasheet
138Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com