Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-5L Datasheet(PDF) 2 Page - Vicor Corporation

Part # QPI-5L
Description  14 Amp Active EMI Filter for 24V DC Bus
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-5L Datasheet(HTML) 2 Page - Vicor Corporation

  QPI-5L Datasheet HTML 1Page - Vicor Corporation QPI-5L Datasheet HTML 2Page - Vicor Corporation QPI-5L Datasheet HTML 3Page - Vicor Corporation QPI-5L Datasheet HTML 4Page - Vicor Corporation QPI-5L Datasheet HTML 5Page - Vicor Corporation QPI-5L Datasheet HTML 6Page - Vicor Corporation QPI-5L Datasheet HTML 7Page - Vicor Corporation QPI-5L Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-5L Data Sheet Rev. 2.0 Page 2 of 8
Absolute Maximum Ratings Exceeding these parameters may result in permanent damage to the product.
Electrical Characteristics Parameter limits apply over the operating temp. range unless otherwise noted.
Pins
Parameter
Notes
Min
Max
Units
BUS+ to BUS-
Input voltage
Continuous
-40
40
Vdc
BUS+ to BUS-
Input voltage
100ms transient
-100
100
Vdc
BUS+/BUS- to Shield Plane
BUS inputs to Shield Hipot
Per test std.
+/-500
Vdc
QPI+ to QPI-
Input to output current
10 seconds @ 25°C
20
Adc
Package
Power dissipation
VBUS = 24 V, IBUS = 14 Adc, 60°C
4.0
W
Package
Operating temperature
PCB to QPI Interface
-40
100
°C
Package
Thermal resistance
Free air
50
°C/W
Package
Junction temperature
Internal @ Pdmax and 15°C/W
160
°C
Package
Thermal resistance
PCB layout (see Figs. 9 & 10)
1
15
°C/W
Package
Storage temperature
-40
125
°C
Package
Re-flow temperature
20 second exposure @
212
°C
All Pins
ESD
HBM
+/-2
kV
Parameter
Notes
Min
Typ
Max
Units
BUS+ to BUS- input range
Measured at 12 A2
10
40
Vdc
BUS+ to QPI+ voltage drop
Measured at 12 A2
-160
mVdc
BUS- to QPI- voltage drop
Measured at 12 A2
30
mVdc
Common-mode insertion loss
VBUS = 28 V frequency = 500 kHz
70
dB
Differential-mode insertion loss
VBUS = 28 V frequency = 500 kHz
80
dB
Input bias current at 40 Volts
Input current from BUS+ to BUS-
7
mA
Note 1 - Refer to Figures 9 & 10 for PCB layout guidelines to achieve this thermal resistance when re-flowed onto the PCB.
Pad Designations
BUS+
BUS-
QPI+
QPI-
THERM 1
SHIELD
THERM 2
12,13,14
1,15,16
7,8,9
2,3,4
10
5,6
11
BUS-
BUS+
QPI+
SHIELD
7
8
911
12
13
16
10
14
15
1
2
3
4
5
6
QPI-
Pad Description
BUS-
Negative bus potential
BUS+
Positive bus voltage
QPI-
Negative input to the converter
QPI+
Positive input to the converter
THERM1
Internal connection must be electrically
THERM2
floating but maximize copper landing
for heat sinking.
Shield
The shield connects to the converter
shield and Y-capacitor common point
through RY.
Note 2 - Refer to Figure 5 for current derating curve.
QPI-5: (bottom view)


Similar Part No. - QPI-5L

ManufacturerPart #DatasheetDescription
logo
Powerbox
QPI-5L POWERBOX-QPI-5L Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
QPI-5LZ POWERBOX-QPI-5LZ Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
More results

Similar Description - QPI-5L

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
   7 Amp Active EMI Filter for 24V DC Bus
QPI-2L VICOR-QPI-2L Datasheet
206Kb / 8P
   12 Amp Active EMI Filter for 24V DC Bus
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
   14 Amp Active EMI Filter for 48V DC Bus
QPI-1L VICOR-QPI-1L Datasheet
238Kb / 8P
   12 Amp Active EMI Filter for 48V DC Bus
QPI-4L VICOR-QPI-4L Datasheet
143Kb / 8P
   7 Amp Active EMI Filter for 48 V DC Bus
QPI-6 VICOR-QPI-6 Datasheet
1Mb / 13P
   14 A Active EMI Filter SIP for 48 Vdc Bus
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
   14A Active EMI Filter SIP for 48 Vdc Bus
logo
Powerbox
QPI-3L POWERBOX-QPI-3L Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-21 VICOR-QPI-21 Datasheet
2Mb / 15P
   Active EMI Input Module for 48 Vdc Bus
logo
California Micro Device...
PACTF CALMIRCO-PACTF Datasheet
122Kb / 3P
   P/ACTIVE EMI/RFITAPPED FILTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com