Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPO-1-EVAL5 Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPO-1-EVAL5
Description  QPO-1 Evaluation Board, Mini Foot Print DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPO-1-EVAL5 Datasheet(HTML) 1 Page - Vicor Corporation

  QPO-1-EVAL5 Datasheet HTML 1Page - Vicor Corporation QPO-1-EVAL5 Datasheet HTML 2Page - Vicor Corporation QPO-1-EVAL5 Datasheet HTML 3Page - Vicor Corporation QPO-1-EVAL5 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Picor Corporation • www.picorpower.com
QPO-1-EVAL5 Data Sheet Rev. 1.1 Page 1 of 4
P
P R
R E
E L
L II M
M II N
N A
A R
R Y
Y
QPO-1-EVAL5
QPO-1 Evaluation Board, Mini Foot Print DC-DC Converters
Description
The QPO-1-EVAL5 is designed to allow full testing of
the QPO-1 and its various performance settings to
optimize final system design. The board offers switch
settings for the user to select preset values for the
Rhr, Rsc, and Rsa resistors. Solder pads are available
to mount user-selected values of these components
if required. Please refer to the QPO-1 product data
sheet and the following pages for the proper
application of this board. The EVAL5 accommodates
Vicor’s Mini DC-DC converters with an input up to
72 Vdc.
The QPO-1 output ripple attenuator SiP uses active
filtering to reduce output ripple and noise (PARD)
over 20 dB from 50 Hz to 500 kHz. The QPO-1
operates over a voltage range from 3 to 30Vdc and
supports load currents as high as 10A. Output
regulation is maintained with remote sense or trim
adjustment of the power supply. The closed loop
architecture improves transient response and ensures
precise point-of-load regulation.
Other eval boards (see www.picorpower.com) allow
easy evaluation with other DC-DC converters or
power supplies with standard terminations.
Note 1: For off-line supplies 20dB attenuation can be achieved
down to 50Hz with additional capacitance added from the
VREF pin to the REFGND pin.
Features of the QPO-1
• >30 dB PARD attenuation, 1 kHz to 500 kHz
• >20 dB PARD attenuation, 50 Hz to 500 Hz 1
• 10A rating over a 3-30 Vdc operating range
• Supports precise point-of load regulation
• Up to 99% efficiency with power limit protection
• User selectable optimization of attenuation,
power dissipation & transient load response
• Peak detector function optimizes for ripple
amplitude variation automatically
• 1.0 x 1.0 x 0.2” SiP with BGA or LGA mounting
• Improves transient response of most DC-DC
converters and power supplies
• Reduces required number of output capacitors
to support dynamic loads.
• Patents Pending
Typical Application
QPO-1 Performance
Rhr
SC SET
CESR
QPO OUT
VREF
SC
QPO IN
QPO-1
Cout
Rsc
VOUT+
VOUT-
SENSE+
SENSE-
SC
LOAD+
LOAD-
Figure 1 – SC/Trim supports applications without the use of
remote sense.
Figure 2 – Typical performance with a 3.3 Volt converter.
QPO IN (AC)
QPO OUT (AC)
LOAD CURRENT (DC) 1A/DIV
QuietPower


Similar Part No. - QPO-1-EVAL5

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPO-1-EVAL1 VICOR-QPO-1-EVAL1 Datasheet
405Kb / 4P
   QPO Evaluation Board
QPO-1-EVAL3 VICOR-QPO-1-EVAL3 Datasheet
412Kb / 4P
   QPO-1 Evaluation Board, Micro Foot Print DC-DC Converters
More results

Similar Description - QPO-1-EVAL5

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPO-1-EVAL3 VICOR-QPO-1-EVAL3 Datasheet
412Kb / 4P
   QPO-1 Evaluation Board, Micro Foot Print DC-DC Converters
QPO-1-EVAL1 VICOR-QPO-1-EVAL1 Datasheet
405Kb / 4P
   QPO Evaluation Board
logo
Premier Magnetics, Inc.
S3AS050520 PMI-S3AS050520 Datasheet
67Kb / 7P
   MINI DC/DC CONVERTERS
logo
Vicor Corporation
PI31XX-XX-EVAL1 VICOR-PI31XX-XX-EVAL1 Datasheet
2Mb / 14P
   DC-DC Converter Evaluation Board
QP0-2-EVAL1 VICOR-QP0-2-EVAL1 Datasheet
204Kb / 2P
   Evaluation Board for QPO-2 Active Output Filter
logo
STMicroelectronics
STEVALISC004V1 STMICROELECTRONICS-STEVALISC004V1 Datasheet
304Kb / 4P
   STUSB4710A evaluation board (with on-board DC-DC)
September 2017
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com