Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78020WAZT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78020WAZT
Description  6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78020WAZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTN78020WAZT Datasheet HTML 7Page - Texas Instruments PTN78020WAZT Datasheet HTML 8Page - Texas Instruments PTN78020WAZT Datasheet HTML 9Page - Texas Instruments PTN78020WAZT Datasheet HTML 10Page - Texas Instruments PTN78020WAZT Datasheet HTML 11Page - Texas Instruments PTN78020WAZT Datasheet HTML 12Page - Texas Instruments PTN78020WAZT Datasheet HTML 13Page - Texas Instruments PTN78020WAZT Datasheet HTML 14Page - Texas Instruments PTN78020WAZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
GND
GND
R
SET
0 .05 W
1 %
C
O
330 F
m
PTN78020W
7
4
5
6
2
3
V
I
V
I
V
O
V
O
GND
Inhibit
1
Sense
Adjust
C
2.2 F
Ceramic
I
m
GND
PTN78020W
PTN78020H
SLTS228A – DECEMBER 2004 – REVISED APRIL 2005
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with a temperature stability of 100 ppm/
°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 4 and 1
using dedicated PCB traces.
(2)
Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust pin affects the
stability of the regulator.
Figure 24. PTN78020W VO Adjust Resistor Placement
Table 3. PTN78020W Output Voltage Set-Point Resistor Values
VO
RSET
VO
RSET
VO
RSET
VO
RSET
2.50 V
Open
3.7 V
50.7 k
6.1 V
12.6 k
9.0 V
4.07 k
2.55 V
1.37 M
3.8 V
46.3 k
6.2 V
12.1 k
9.2 V
3.75 k
2.60 V
680 k
3.9 V
42.5 k
6.3 V
11.6 k
9.4 V
3.46 k
2.65 V
451 k
4.0 V
39.3 k
6.4 V
11.1 k
9.6 V
3.18 k
2.70 V
337 k
4.1 V
36.4 k
6.5 V
10.7 k
9.8 V
2.91 k
2.75 V
268 k
4.2 V
33.9 k
6.6 V
10.2 k
10.0 V
2.66 k
2.80 V
222 k
4.3 V
31.6 k
6.7 V
9.85 k
10.2 V
2.42 k
2.85 V
190 k
4.4 V
29.6 k
6.8 V
9.47 k
10.4 V
2.20 k
2.90 V
165 k
4.5 V
27.8 k
6.9 V
9.11 k
10.6 V
1.98 k
2.95 V
146 k
4.6 V
26.2 k
7.0 V
8.76 k
10.8 V
1.78 k
3.00 V
131 k
4.7 V
24.7 k
7.1 V
8.43 k
11.0 V
1.58 k
3.05 V
118 k
4.8 V
23.3 k
7.2 V
8.11 k
11.2 V
1.40 k
3.10 V
108 k
4.9 V
22.1 k
7.3 V
7.81 k
11.4 V
1.22 k
3.15 V
99.1 k
5.0 V
21.0 k
7.4 V
7.52 k
11.6 V
1.05 k
3.20 V
91.5 k
5.1 V
19.9 k
7.5 V
7.24 k
11.8 V
889
3.25 V
85.0 k
5.2 V
18.9 k
7.6 V
6.97 k
12.0 V
734
3.30 V
79.3 k
5.3 V
18.0 k
7.7 V
6.71 k
12.2 V
585
3.35 V
74.2 k
5.4 V
17.2 k
7.8 V
6.46 k
12.4 V
442
3.40 V
69.8 k
5.5 V
16.4 k
7.9 V
6.22 k
12.6 V
305
3.45 V
65.7 k
5.6 V
15.6 k
8.0 V
5.99 k
3.50 V
62.1 k
5.7 V
15.0 k
8.2 V
5.55 k
3.55 V
58.9 k
5.8 V
14.3 k
8.4 V
5.14 k
3.60 V
55.9 k
5.9 V
13.7 k
8.6 V
4.76 k
3.65 V
53.2 k
6.0 V
13.1 k
8.8 V
4.40 k
11


Similar Part No. - PTN78020WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020WAZT TI-PTN78020WAZT Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTN78020WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com