Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T14L1024A Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T14L1024A
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T14L1024A Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T14L1024A Datasheet HTML 1Page - Taiwan Memory Technology T14L1024A Datasheet HTML 2Page - Taiwan Memory Technology T14L1024A Datasheet HTML 3Page - Taiwan Memory Technology T14L1024A Datasheet HTML 4Page - Taiwan Memory Technology T14L1024A Datasheet HTML 5Page - Taiwan Memory Technology T14L1024A Datasheet HTML 6Page - Taiwan Memory Technology T14L1024A Datasheet HTML 7Page - Taiwan Memory Technology T14L1024A Datasheet HTML 8Page - Taiwan Memory Technology T14L1024A Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TE
CH
tm
Preliminary T14L1024A
TM Technology, Inc. reserves the right
P. 1
Publication Date: SEP. 2002
to change products or specifications without notice.
Revision:0.F
SRAM
128K X 8 HIGH SPEED
CMOS STATIC RAM
FEATURES
• Fast Address Access Times : 10/12/15ns
• Single 3.3V ±0.3V power supply
• Low Power Consumption : 110/105/100mA
• TTL I/O compatible
• 2.0V data retention mode
• Automatic power-down when deselected
• Available packages :
32-pin 300 mil DIP/SOJ & 32-pin SOP/TSOP-I
• Industry Standard Pin Assignment
PIN CONFIGURATION
TSOP-I
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A15
A14
A13
A12
WE
CE2
A11
VCC
NC
A10
A9
A8
A7
A6
A5
A4
OE
A16
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
GENERAL DESCRIPTION
The T14L1024A is a one-megabit density, fast
static random access memory organized as 131,072
words by 8 bits.
It is designed for use in high
performance memory applications such as main
memory storage and high speed communication
buffers.
Fabricated using high performance CMOS
technology, access times down to 10ns are achieved.
Memory
expansion
by
banking
is
easily
accomplished using the chip enable pins CE1 and
CE2.
This device is packaged in a standard 32-pin
300 mil DIP/SOJ and 32-pin SOP/TSOP-I.
BLOCK DIAGRAM
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
I/O0 - I/O7
Data Inputs/Outputs
/CE1,CE2
Chip Select Inputs
/WE
Write Enable
/OE
Output Enable
Vcc
Power Supply
Vss
Ground
PART NUMBER EXAMPLES
PACKAGE
SPEED
T14L1024A-10J
SOJ 300mil
10ns
T14L1024A-10P
TSOP-I 8x13.4mm
10ns
T14L1024A-10H
TSOP-I 8x20mm
10ns
T14L1024A-10N
DIP 300mil
10ns
T14L1024A-10D
SOP
10ns
A8
A9
A7
A6
A5
A3
A4
A2
A1
A0
I/O0
I/O1
A10
NC
28
27
26
25
23
24
22
21
20
19
18
17
32
29
1
2
3
4
6
5
7
8
9
10
11
12
15
16
Vcc
A12
A13
A14
A15
A16
I/O7
I/O6
I/O5
A11
CE2
WE
OE
CE1
I/O2
Vss
30
31
13
14
I/O4
I/O3
DIP
/
SOJ
/
SOP
DECODER
A0
A16
CE2
WE
OE
I/O7
Vcc
DATA I/O
CORE
ARRAY
Vss
CE1
I/O0
.
.
.
.
.
.
.


Similar Part No. - T14L1024A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14L1024N TMT-T14L1024N Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10C TMT-T14L1024N-10C Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10H TMT-T14L1024N-10H Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10J TMT-T14L1024N-10J Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10P TMT-T14L1024N-10P Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - T14L1024A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com