Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T62M0001A-K Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T62M0001A-K
Description  Digital Sound processor With 64K SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T62M0001A-K Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T62M0001A-K Datasheet HTML 1Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 2Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 3Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 4Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 5Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 6Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 7Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 8Page - Taiwan Memory Technology T62M0001A-K Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TE
CH
tm
T62M0001A
TM Technology Inc. reserves the right
P. 3
Publication Date: JUN. 2002
to change products or specifications without notice.
Revision:A
Pin Description
Symbol
I/O
Function
Pin no.
VDD
P Digital supply voltage
1
XIN
I Oscillator input
2
XOUT
O Oscillator output
3
D1/REQ
I
Easy mode : inputs D1 data
u-COM mode :inputs request data
4
D2/SCK
I
Easy mode : inputs D2 data
u-COM mode : inputs shift clock
5
D3/DATA
I
Easy mode : inputs D3 data
u-COM mode : inputs serial data
6
D4/IDSW
I
Easy mode : inputs D4 data
u-COM mode : controls ID code
7
TEST
I L = normal mode
8
EASY/
u-COM I
H = easy mode
L =
u-COM mode
9
SLEEP
I H = sleep mode
L = normal mode
10
D-GND
G Digital ground
11


Similar Part No. - T62M0001A-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T62M0001A-K TMT-T62M0001A-K Datasheet
75Kb / 12P
   Digital Sound Processor With 64K SRAM
T62M0001A-KG TMT-T62M0001A-KG Datasheet
75Kb / 12P
   Digital Sound Processor With 64K SRAM
More results

Similar Description - T62M0001A-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T62M0001A TMT-T62M0001A_07 Datasheet
75Kb / 12P
   Digital Sound Processor With 64K SRAM
T62M0002A TMT-T62M0002A_07 Datasheet
63Kb / 7P
   Digital Sound Processor Embedded SRAM
T62M0002A TMT-T62M0002A Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
T62M99A TMT-T62M99A Datasheet
52Kb / 7P
   Digital Sound Processor Embedded 48K Bits SRAM
T62M99A TMT-T62M99A_07 Datasheet
57Kb / 7P
   Digital Sound Processor Embedded 48K Bits SRAM
logo
List of Unclassifed Man...
TP5208 ETC1-TP5208 Datasheet
102Kb / 7P
   64K SRAM ECHO PROCESSOR
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com