Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T63H0002A Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T63H0002A
Description  T63H0002A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T63H0002A Datasheet(HTML) 6 Page - Taiwan Memory Technology

  T63H0002A Datasheet HTML 1Page - Taiwan Memory Technology T63H0002A Datasheet HTML 2Page - Taiwan Memory Technology T63H0002A Datasheet HTML 3Page - Taiwan Memory Technology T63H0002A Datasheet HTML 4Page - Taiwan Memory Technology T63H0002A Datasheet HTML 5Page - Taiwan Memory Technology T63H0002A Datasheet HTML 6Page - Taiwan Memory Technology T63H0002A Datasheet HTML 7Page - Taiwan Memory Technology T63H0002A Datasheet HTML 8Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TE
CH
tm
T63H0002A
TM Technology Inc. reserves the right
P. 6
Publication Date: JUL. 2002
to change products or specifications without notice.
Revision:A
or VDET2, over-discharge condition can be also
released.
An output delay time for the over-discharge
detection is fixed internally, tVDET2 =10ms typ. At
VDD=2.4V. When the VDD level is going down to a
lower level than VDET2 if the VDD voltage would
be back to a level higher than the VDET2 within a
time period of the output delay time, VD2 would not
output a signal for turning off the discharge control
FET.
After detection of an over-discharge by VD2, supply
current would be reduced to typ. 0.3uA at
VDD=2.0V and into standby, only the charger
detector is operating.
The output type of Dout pin is CMOS having “H”
level of VDD and “L” level of Vss.
VD3/Excess Current Detector, Short Circuit Protector
Both of the excess current detector and short circuit
protector can work when both control FETs are in
“ON” state.
When the V- pin voltage is going
up to a value between the short protection voltage
Vshort/VDD and excess current threshold VDET3,
the excess current detector operates and further
soaring of V- pin voltage higher than Vshort makes
the short circuit protector enabled. This leads the
external discharge control Nch MOSFET turn off
with the Dout pin being at “L” level.
An output delay time for the excess current detector
is internally fixed, 13ms typ. At VDD=3.0V. Aquick
recovery of V- pin level from a value between
Vshort and VDET3 within the delay time keeps the
discharge control FET staying “H” state.
When the short circuit protector is enabled, the Dout
would be low and its delay time would be 5us typ.
The V- pin has a built-in pulled down resistor, typ.
100kOhm with connecting to the Vss pin.
After an excess current or short circuit protection is
detected, removing a cause of excess current or
external short circuit makes an external discharge
control FET to an “ON” state automatically with the
V- pin level being down to the Vss level through
pulled down resistor built-in internally.
If VDD voltage would be higher than VDET2 at a
time when the excess current is detected the
T63H0002 does not enter a standby mode, or
otherwise in case of lower VDD voltage than
VDET2 would lead the T63H0002 into a standby.
After detecting short circuit the T63H0002 will not
enter a standby mode.


Similar Part No. - T63H0002A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-AX TMT-T63H0001A-AX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-BX TMT-T63H0001A-BX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-CX TMT-T63H0001A-CX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com