Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T63H0002A Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T63H0002A
Description  T63H0002A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T63H0002A Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T63H0002A Datasheet HTML 1Page - Taiwan Memory Technology T63H0002A Datasheet HTML 2Page - Taiwan Memory Technology T63H0002A Datasheet HTML 3Page - Taiwan Memory Technology T63H0002A Datasheet HTML 4Page - Taiwan Memory Technology T63H0002A Datasheet HTML 5Page - Taiwan Memory Technology T63H0002A Datasheet HTML 6Page - Taiwan Memory Technology T63H0002A Datasheet HTML 7Page - Taiwan Memory Technology T63H0002A Datasheet HTML 8Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TE
CH
tm
T63H0002A
TM Technology Inc. reserves the right
P. 1
Publication Date: JUL. 2002
to change products or specifications without notice.
Revision:A
T63H0002A
Li-Ion Battery Protector
Features
Supply current
TYP. 5.0uA
Low supply current
Standby current (after detecting over-discharge)
TYP. 0.3uA
Over-charge detector(Topt=25ºC)
+/- 25mV
Over-charge detector (Topt=0 to 50ºC)
+/- 30mV
High accuracy detector
Threshold
Over-discharge detector
+/- 2.5%
Over-charge detector threshold
4.0V to 4.4V step of 0.005V
Variety of detector threshold
Over-discharge detector threshold
2.0V to 3.0V step of 0.005V
Excess current protection
0.04V to 0.32V step of 0.04V
Built in protection circuit
Accuracy
±15%
Output delay of over charge
Time delay at C3=0.01uF & VDD=4.3V
170mS note1
Output delay of over-discharg
VDD=2.4V with built-in capacitor
10mS
Small package
SOT23-6/6-pin
note1: The result was measured from T63H0002A-AX
Part Number Examples
Part No.
Over charge detection
voltage
Over charge release
voltage
marking
Pack type
T63H0002A-AX
4.25V
4.05V
002A
SOT-23-6
T63H0002A-BX
4.35V
4.15V
002B
SOT-23-6
T63H0002A-CX
4.30V
4.10V
002C
SOT-23-6
T63H0002A-DX
4.28V
4.08V
002D
SOT-23-6
*note1
….
….
….
note1: New model version and specific
characteristics may be order by customer.
General Description
The T63H0002A is protection IC for
over-charge/discharge of rechargeable one-cell
Lithium-ion(Li+) excess load current, further
include a short circuit protector for preventing
large external short circuit current.
Each of these IC is composed of three
voltage detectors, a reference unit, a delay
circuit, a short circuit protector, and a logic
circuit. When charging voltage crosses the
detector threshold from a low value to value
higher than VDET1, the output of Cout pin, the
output of over-charge detector/VD1, switches to
low level, charger’s negative pin level. After
detecting over-charge the VD1 can be reset and
the output of Cout becomes high when the VDD
voltage is coming down to a level lower than
“VREL1”, or when a kind of loading is
connected to VDD after a charger is
disconnected from the battery pack while the
VDD level is in between “VDET1” and


Similar Part No. - T63H0002A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-AX TMT-T63H0001A-AX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-BX TMT-T63H0001A-BX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-CX TMT-T63H0001A-CX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com