Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T63H0008A-BX Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T63H0008A-BX
Description  Li-Ion/Polymer Battery for one-cell Protector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T63H0008A-BX Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T63H0008A-BX Datasheet HTML 1Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 2Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 3Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 4Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 5Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 6Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 7Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 8Page - Taiwan Memory Technology T63H0008A-BX Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TE
CH
tm
T63H0008A
TM Technology, Inc. reserves the right
P. 1
Publication Date: Dec. 2003
to change products or specifications without notice.
Revision:A
T63H0008A
Li-Ion/Polymer Battery for
one -cell Protector
Features
lHigh voltage device is used for charger connection pins V- and COUT pins: Maximum 30V
lInternal high accuracy voltage detection circuit
1.Overcharge detection voltage 3.9V to 4.4V (applicable in 5mV step)
Accuracy : ±25mV (+25ºC) and ±30mV (-5ºC to +55ºC)
2.Overcharge hysteresis voltage 0.0V to 0.4V …………………………………….Accuracy : ±25mV
The overcharge hysteresis voltage can be selected from the range 0.0V to 0.4V in 50mV step.
3.Over-discharge detection voltage 2.0V to 3.0 V (10mV step) ………………….Accuracy : ±50mV.
4.Over-discharge hysteresis voltage 0.0V to 0.7 V (*2) ………………………….Accuracy : ±50mV
The over-discharge hysteresis voltage can be selected from the range 0.0V to 0.7V in 100mV step.
5.Overcurrent 1 detection voltage 0.05V to 0.3V (10mV step)……………………Accuracy : ±15mV
6.Overcurrent 2 detection voltage 0. 5V (fixed) …………………………………..Accuracy : ±100mV
*1: Overcharge release voltage = Overcharge detection voltage - Overcharge hysteresis voltage
(where overcharge release voltage<3.8V is prohibited.)
*2: Over-discharge release voltage = Over-discharge detection voltage + Over-discharge hysteresis voltage
(where over-discharge release voltage>3.4V is prohibited.)
lDelay times (overcharge: tVDET1, over-discharge: tVDET2,
over-current 1: tVDET3, over-current 2: t VDET4)
are generated by an internal circuit. No external capacitor is necessary. …………….Accuracy: ±20%
lThree-step over-current detection circuit is included. (over-current 1, over-current 2,
and load short-circuiting).
lEither charge function or charge inhibition function for 0V battery can be selected.
lCharger detection function and abnormal charge current detection function
1.The over-discharge hysteresis is released by detecting negative voltage at the V- pin (-0.7V typ.).
(Charger detection function)
2.When the output voltage of the DOUT pin is high and the voltage at the V- pin is equal to or lower than
the charger detection voltage (-0.7V typ.), the output voltage of the COUT pin goes low.
(Abnormal charge current detection function)
l
Low current consumption .
1.Operation 3.0uA typ. 7.0uA max.(IDD).
2.Power -down 0.1 uA max. (ISB).
l
Wide operating temperature range: -40ºC to +85ºC
l
Ultra Small package …………………..SOT-23-6 (6 PIN),SNB(B)(6PIN).
(SNB Type please contact Sales).


Similar Part No. - T63H0008A-BX

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-AX TMT-T63H0001A-AX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-BX TMT-T63H0001A-BX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0001A-CX TMT-T63H0001A-CX Datasheet
55Kb / 7P
   Li-Ion Battery Protector
T63H0002A TMT-T63H0002A Datasheet
165Kb / 8P
   T63H0002A
More results

Similar Description - T63H0008A-BX

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Mitsumi Electronics, Co...
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
   One-cell li-ion/li-polymer battery protection IC
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com