Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T71L6816A Datasheet(PDF) 9 Page - Taiwan Memory Technology

Part # T71L6816A
Description  Sixteen-port 10/100 Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T71L6816A Datasheet(HTML) 9 Page - Taiwan Memory Technology

Back Button T71L6816A Datasheet HTML 5Page - Taiwan Memory Technology T71L6816A Datasheet HTML 6Page - Taiwan Memory Technology T71L6816A Datasheet HTML 7Page - Taiwan Memory Technology T71L6816A Datasheet HTML 8Page - Taiwan Memory Technology T71L6816A Datasheet HTML 9Page - Taiwan Memory Technology T71L6816A Datasheet HTML 10Page - Taiwan Memory Technology T71L6816A Datasheet HTML 11Page - Taiwan Memory Technology T71L6816A Datasheet HTML 12Page - Taiwan Memory Technology T71L6816A Datasheet HTML 13Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TE
CH
tm
Preliminary T71L6816A
Taiwan Memory Technology, Copy-Right reserved.
P. 9
Publication Date:Jun. 2001
Change to products or specifications without notice.
Revision:0.A
3.9 Back-off Algorithm
For every port that operates in half-duplex mode, the T71L6816A implements the truncated
exponential back-off algorithm compliant to IEEE 802.3 standard and the collision counter
based on per port will be restarted after every 16 consecutive collision. Th at is, the
T71L6816A will guarantee no packet loss if the times of consecutive collision is less
than 16.
3.10 Buffer Management
The T71L6816A provides an interface to the external 64x64K(4Mb) SSRAM which operates in
66MHz pipeline mode as the packet storage buffer. For purpose of efficiency, the T71L6816A
divide the 4Mb space to 1K pages and each page contains 512 bytes, therefore, maximum
3 pages or minimum 1 page is needed for every Ethernet packets.
3.11 Head-of-Line Blocking
One common requirement fo r Ethernet switch is to prevent the Head-of-Blocking problem.
In other words, in case of some ports under heavy traffic or congestion, the switch must
keep all other ports function well and don’t be affected by those congested ports.
The T71L6816A provide a alternative
way to achieve above requirement while customer
disable the flow control function. Say, the T71L6816A will first check the status of
the destination port of incoming packets, the packets will be dropped if the destined
port is congested and therefore the T71L6816A can reserve the finite spaces of the packet
buffer for other normal traffic ports.
3.12 Flow Control
3.12.1 Flow Control in Full Duplex Mode
The T71L6816A support the IEEE 802.3x flow control scheme in full duplex mode. The IEEE
802.3 define the format of pause frame as follow:


Similar Part No. - T71L6816A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T71L6808A TMT-T71L6808A Datasheet
322Kb / 23P
   Octal 10/100 Switch with Embedded Memory
More results

Similar Description - T71L6816A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES34H16 IDT-89HPES34H16 Datasheet
410Kb / 45P
   Sixteen maximum switch ports
logo
Level One
FSW-1650 LVL1-FSW-1650 Datasheet
620Kb / 2P
   16-Port 10/100 Rackmount Switch
FSW-0512 LVL1-FSW-0512 Datasheet
101Kb / 2P
   5-Port 10/100 PD Switch
logo
Broadcom Corporation.
BCM5338M BOARDCOM-BCM5338M Datasheet
126Kb / 1P
   NINE-PORT MANAGED 10/100 SWITCH
logo
Level One
FSW-0812 LVL1-FSW-0812 Datasheet
101Kb / 2P
   8-Port 10/100 PD Switch
FSW-2450 LVL1-FSW-2450 Datasheet
631Kb / 2P
   24-Port 10/100 Rackmount Switch
logo
List of Unclassifed Man...
IP178C ETC1-IP178C Datasheet
1Mb / 91P
   8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com