Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T81L0003B Datasheet(PDF) 11 Page - Taiwan Memory Technology

Part # T81L0003B
Description  8-bit MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0003B Datasheet(HTML) 11 Page - Taiwan Memory Technology

Back Button T81L0003B Datasheet HTML 7Page - Taiwan Memory Technology T81L0003B Datasheet HTML 8Page - Taiwan Memory Technology T81L0003B Datasheet HTML 9Page - Taiwan Memory Technology T81L0003B Datasheet HTML 10Page - Taiwan Memory Technology T81L0003B Datasheet HTML 11Page - Taiwan Memory Technology T81L0003B Datasheet HTML 12Page - Taiwan Memory Technology T81L0003B Datasheet HTML 13Page - Taiwan Memory Technology T81L0003B Datasheet HTML 14Page - Taiwan Memory Technology T81L0003B Datasheet HTML 15Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TE
CH
tm
T81L0003B
TM Technology Inc. reserves the right
P. 11
Publication Date: NOV. 2005
to change products or specifications without notice.
Revision:A
Special Function Registers
a) Interrupt Enable 0 register (ien0)
The ien0 register (address : A8)
MSB
LSB
eal
wdt
et2
es0
et1
ex1
et0
ex0
The ien0 bit functions
Bit
Symbol
Function
ien0.6
wdt
Watchdog timer refresh flag.
Set to initiate a refresh of the watchdog timer. Must be set directly before swdt is set to prevent
an unintentional refresh of the watchdog timer. The wdt is reset by hardware 12 instruction
cycles after it has been set.
Note: other bits are not used to watchdog control
The ien0 bit functions
b) Interrupt Enable 1 register (ien1)
The ien1 register (Address : B8)
MSB
LSB
-
swdt
pt2
ps
pt1
px1
pt0
px0
The ien1 bit functions
Bit
Symbol
Function
Ien1.6
swdt
Watchdog timer start refresh flag.
Set to active/refresh the watchdog timer. When directly set after setting wdt, a watchdog timer
refresh is performed. Bit swdt is reset by hardware 12 instruction cycles after it has been set.
Pay attention that when write ien1.6, it write the swdt bit, when read ien1.6, we will read out the wdts bit. Ie. Watch dog
timer status flag. Set by hardware when the watchdog timer was started.
c) Watchdog Timer Reload register (wdtrel)
The wdtrel register ( Address : 86 )
MSB
LSB
7
6
5
4
3
2
1
0
The wdtrel bit functions
Bit
Symbol
Function
wdtrel.7
7
Prescaler select bit. When set, the watchdog is clocked through an additional
divide-by-16 prescaler
wdtrel.6 t0
wdtrel.0
6-0
Seven bit reload value for the high-byte of the watchdog timer. This value is loaded
to the wdt when a refresh is triggered by a consecutive setting of bits wdt and swdt
The wdtrel register can be loaded and read any time


Similar Part No. - T81L0003B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003A TMT-T81L0003A Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-AD TMT-T81L0003A-AD Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-AK TMT-T81L0003A-AK Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-BD TMT-T81L0003A-BD Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-BK TMT-T81L0003A-BK Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
More results

Similar Description - T81L0003B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
logo
Zilog, Inc.
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com