Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T81L0003B-AK Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T81L0003B-AK
Description  8-bit MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0003B-AK Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T81L0003B-AK Datasheet HTML 1Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 2Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 3Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 4Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 5Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 6Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 7Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 8Page - Taiwan Memory Technology T81L0003B-AK Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TE
CH
tm
T81L0003B
TM Technology Inc. reserves the right
P. 4
Publication Date: NOV. 2005
to change products or specifications without notice.
Revision:A
5. Pin Description
Number
(20-Pin)
Name
Type
Description
1
RST/VPP
I
Reset signal input or programming supply voltage input.
2
P3.0/(RXD)
I/O
General-purpose I/O pin (Default) or Serial input port.
3
P3.1/(TXD)
I/O
General-purpose I/O pin (Default) or Serial output port.
4(BK,BD)
XOUT
O
Crystal oscillator output terminal.
4(AK,AD)
OSCR
I
RC oscillator external resister connect pin.
5(BK,BD)
XIN
I
Crystal oscillator input terminal.
5(AK,AD)
STOP
O
Stop RC oscillator network.
6
P3.2/(INT0)
I/O
General-purpose I/O pin (Default) or External interrupt source 0.
7
P3.3/(INT1)
I/O
General-purpose I/O pin (Default) or External interrupt source 1.
8
P3.4/(T0)
I/O
General-purpose I/O pin (Default) or Timer 0 external input pin.
9
GND
Ground
10
P1.0
I/O
General-purpose I/O pin
11
P1.1
I/O
General-purpose I/O pin
12
P1.2
I/O
General-purpose I/O pin
13
P1.3
I/O
General-purpose I/O pin
14
P1.4
I/O
General-purpose I/O pin
15
P1.5
I/O
General-purpose I/O pin
16
P1.6
I/O
General-purpose I/O pin
17
P1.7
I/O
General-purpose I/O pin
18
VCC
3.3V power supply.


Similar Part No. - T81L0003B-AK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003A TMT-T81L0003A Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-AD TMT-T81L0003A-AD Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-AK TMT-T81L0003A-AK Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-BD TMT-T81L0003A-BD Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
T81L0003A-BK TMT-T81L0003A-BK Datasheet
113Kb / 20P
   Reduced I/O 8-bit MCU
More results

Similar Description - T81L0003B-AK

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
logo
Zilog, Inc.
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com