Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6309B Datasheet(PDF) 11 Page - Taiwan Memory Technology

Part # T6309B
Description  Micropower Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6309B Datasheet(HTML) 11 Page - Taiwan Memory Technology

Back Button T6309B Datasheet HTML 3Page - Taiwan Memory Technology T6309B Datasheet HTML 4Page - Taiwan Memory Technology T6309B Datasheet HTML 5Page - Taiwan Memory Technology T6309B Datasheet HTML 6Page - Taiwan Memory Technology T6309B Datasheet HTML 7Page - Taiwan Memory Technology T6309B Datasheet HTML 8Page - Taiwan Memory Technology T6309B Datasheet HTML 9Page - Taiwan Memory Technology T6309B Datasheet HTML 10Page - Taiwan Memory Technology T6309B Datasheet HTML 11Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TE
CH
tm
T6309B
TM Technology Inc. reserves the right
P. 11
Publication Date: SEP. 2005
to change products or specifications without notice.
Revision: A
PACKAGE DIMENSIONS
SOT23-6
A1
A
B
B1
B2
C
C1
C2
D
E
F
G
H
I
Dimension in mm
Dimension in inch
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.60
2.80
3.00
0.102
0.110
0.118
A1
1.40
1.575
1.60
0.055
0.062
0.063
B
2.70
2.85
3.00
0.106
0.112
0.118
B1
1.90(BSC)
0.075(BSC)
B2
0.95(BSC)
0.037(BSC)
C
0.95
1.20
1.45
0.037
0.047
0.057
C1
0.90
1.10
1.30
0.035
0.043
0.051
C2
0
0.075
0.150
0
0.003
0.06
D
0.40
0.015
E
0.30
0.45
0.60
0.012
0.018
0.023
F
0.08
0.15
0.22
0.003
0.006
0.009
G
0.60(REF)
H
0~8°
I
5~15°
5~15°


Similar Part No. - T6309B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
T6309A-AX TMT-T6309A-AX Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
T6309A-BX TMT-T6309A-BX Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
More results

Similar Description - T6309B

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com