Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-982414 Datasheet(PDF) 8 Page - Vicor Corporation

Part # VI-982414
Description  24Vin / 2Vout / 160Watts DC-DC Converter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-982414 Datasheet(HTML) 8 Page - Vicor Corporation

  VI-982414 Datasheet HTML 1Page - Vicor Corporation VI-982414 Datasheet HTML 2Page - Vicor Corporation VI-982414 Datasheet HTML 3Page - Vicor Corporation VI-982414 Datasheet HTML 4Page - Vicor Corporation VI-982414 Datasheet HTML 5Page - Vicor Corporation VI-982414 Datasheet HTML 6Page - Vicor Corporation VI-982414 Datasheet HTML 7Page - Vicor Corporation VI-982414 Datasheet HTML 8Page - Vicor Corporation VI-982414 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24Vin/2Vout/160W DC-DC Converter
Rev. 5.2
Page 8 of 9
Set your site on VICOR at www.vicorpower.com
PART NUMBERS & OPTIONS
24Vin / 2Vout / 160Watts
Part Number
Pins
Base
Grade
Minimum
Max
Minimum
Operating
Operating
Storage
Temp
Temp
Temp
VI-982401
Short Solder
Slotted
C
-20°C
100°C
-40°C
VI-982402
Long Solder
Slotted
C
-20°C
100°C
-40°C
VI-982403
Short ModuMate
Slotted
C
-20°C
100°C
-40°C
VI-982404
Long ModuMate
Slotted
C
-20°C
100°C
-40°C
VI-982405
Short Solder
Threaded
C
-20°C
100°C
-40°C
VI-982406
Long Solder
Threaded
C
-20°C
100°C
-40°C
VI-982407
Short ModuMate
Threaded
C
-20°C
100°C
-40°C
VI-982408
Long ModuMate
Threaded
C
-20°C
100°C
-40°C
VI-982409
Short Solder
Thru-hole
C
-20°C
100°C
-40°C
VI-982410
Long Solder
Thru-hole
C
-20°C
100°C
-40°C
VI-982411
Short ModuMate
Thru-hole
C
-20°C
100°C
-40°C
VI-982412
Long ModuMate
Thru-hole
C
-20°C
100°C
-40°C
VI-982413
Short Solder
Slotted
T
-40°C
100°C
-40°C
VI-982414
Long Solder
Slotted
T
-40°C
100°C
-40°C
VI-982415
Short ModuMate
Slotted
T
-40°C
100°C
-40°C
VI-982416
Long ModuMate
Slotted
T
-40°C
100°C
-40°C
VI-982417
Short Solder
Threaded
T
-40°C
100°C
-40°C
VI-982418
Long Solder
Threaded
T
-40°C
100°C
-40°C
VI-982419
Short ModuMate
Threaded
T
-40°C
100°C
-40°C
VI-982420
Long ModuMate
Threaded
T
-40°C
100°C
-40°C
VI-982421
Short Solder
Thru-hole
T
-40°C
100°C
-40°C
VI-982422
Long Solder
Thru-hole
T
-40°C
100°C
-40°C
VI-982423
Short ModuMate
Thru-hole
T
-40°C
100°C
-40°C
VI-982424
Long ModuMate
Thru-hole
T
-40°C
100°C
-40°C
VI-982425
Short Solder
Slotted
H
-40°C
100°C
-55°C
VI-982426
Long Solder
Slotted
H
-40°C
100°C
-55°C
VI-982427
Short ModuMate
Slotted
H
-40°C
100°C
-55°C
VI-982428
Long ModuMate
Slotted
H
-40°C
100°C
-55°C
VI-982429
Short Solder
Threaded
H
-40°C
100°C
-55°C
VI-982430
Long Solder
Threaded
H
-40°C
100°C
-55°C
VI-982431
Short ModuMate
Threaded
H
-40°C
100°C
-55°C
VI-982432
Long ModuMate
Threaded
H
-40°C
100°C
-55°C
VI-982433
Short Solder
Thru-hole
H
-40°C
100°C
-55°C
VI-982434
Long Solder
Thru-hole
H
-40°C
100°C
-55°C
VI-982435
Short ModuMate
Thru-hole
H
-40°C
100°C
-55°C
VI-982436
Long ModuMate
Thru-hole
H
-40°C
100°C
-55°C


Similar Part No. - VI-982414

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-982437 VICOR-VI-982437 Datasheet
193Kb / 9P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
VI-982438 VICOR-VI-982438 Datasheet
193Kb / 9P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
VI-982439 VICOR-VI-982439 Datasheet
193Kb / 9P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
VI-982440 VICOR-VI-982440 Datasheet
193Kb / 9P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
VI-982441 VICOR-VI-982441 Datasheet
193Kb / 9P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
More results

Similar Description - VI-982414

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A2C160A VICOR-V48A2C160A Datasheet
192Kb / 8P
   48Vin / 2Vout / 160Watts DC-DC Converter Module
V375A2C160A VICOR-V375A2C160A Datasheet
190Kb / 8P
   375Vin / 2Vout / 160Watts DC-DC Converter Module
V300A2C160B VICOR-V300A2C160B Datasheet
151Kb / 8P
   300Vin / 2Vout / 160Watts DC-DC Converter Module
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
V300C2C50A VICOR-V300C2C50A Datasheet
172Kb / 8P
   300Vin / 2Vout / 50Watts DC-DC Converter Module
V24A3V3C264A VICOR-V24A3V3C264A Datasheet
194Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V24A5C400B VICOR-V24A5C400B Datasheet
148Kb / 8P
   24Vin / 5Vout / 400Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com