Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS512K8-55CMA Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WMS512K8-55CMA
Description  512Kx8 MONOLITHIC SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMS512K8-55CMA Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WMS512K8-55CMA Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 8Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 9Page - List of Unclassifed Manufacturers WMS512K8-55CMA Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WMS512K8-XXX
ORDERING INFORMATION
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
M = Military Screened
-55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to +70°C
PACKAGE:
C = 32 Pin Ceramic 0.600" DIP (Package 300)
CL = 32 Pin Rectangular Ceramic Leadless Chip Carrier (Package 601)
DE = 32 Lead Ceramic SOJ (Package 101) Evolutionary
DJ = 36 Lead Ceramic SOJ (Package 100)
F = 36 Lead Ceramic Flat Pack (Package 226)
FE = 32 Lead Ceramic Flat Pack (Package 220)
ACCESS TIME (ns)
IMPROVEMENT MARK:
Blank = Standard
L = Low Power Data Retention
ORGANIZATION, 512K x 8
SRAM
MONOLITHIC
WHITE ELECTRONIC DESIGNS CORP.
W M S 512K 8 X - XXX X X X


Similar Part No. - WMS512K8-55CMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8-55CM WEDC-WMS512K8-55CM Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results

Similar Description - WMS512K8-55CMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com