Electronic Components Datasheet Search |
|
MBM29LV800BE90TN Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
MBM29LV800BE90TN Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 58 page MBM29LV800TE/BE60/70/90 9 s DEVICE BUS OPERATION MBM29LV800TE/BE User Bus Operations (BYTE ==== VIH) Legend : L = VIL, H = VIH, X = VIL or VIH, = Pulse input. See “s DC CHARACTERISTICS” for voltage levels. *1: Manufacturer and device codes may also be accessed via a command register write sequence. See “Sector Address Tables (MBM29LV800BE) ” in “s FLEXIBLE SECTOR-ERASE ARCHITECTURE”. *2: Refer to Sector Protection. *3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations. *4: VCC = 3.0 V to 3.6 V (MBM29LV800TE/BE 60) = 2.7 V to 3.6 V (MBM29LV800TE/BE 70/90) *5: Also used for the extended sector protection. Operation CE OE WE A0 A1 A6 A9 DQ15 to DQ0 RESET Auto-Select Manufacturer Code *1 LL H LLL VID Code H Auto-Select Device Code *1 LL H H LL VID Code H Read *3 LL H A0 A1 A6 A9 DOUT H Standby H X X XXXX High-Z H Output Disable L H H XXXX High-Z H Write (Program/Erase) L H L A0 A1 A6 A9 DIN H Enable Sector Protection *2, *4 LVID LHL VID XH Verify Sector Protection *2, *4 L L HLHL VID Code H Temporary Sector Unprotection*5 XXXXXXX X VID Reset (Hardware) /Standby X X X XXXX High-Z L |
Similar Part No. - MBM29LV800BE90TN |
|
Similar Description - MBM29LV800BE90TN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |