Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62211FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M62211FP
Description  GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62211FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M62211FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62211FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI SEMICONDUCTORS <Standard-Linear>
M62211P/FP
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
(
/ 9 )
3) Short Protection Circuit
The Short Protection Circuit used the timer latch system. It is determined by setting the
capacity used for the soft start connected to the DTC terminal.
Fig.3 shows the short protection circuit and the timing chart for various modes.
When the power is turned on, the FB terminal goes high (approx. 2.4V) and the DTC
terminal goes low (goes up slowly from 0V). Thus, approximately 35µA current will flow
when SW1:ON and SW2:OFF. The potential, namely the potential of the FB terminal is in
the amplitude of the triangular wave, SW1 will be OFF and SW2 will be ON and approximately
45µA will flow into the DTC terminal. This discharge current will cause the DTC terminal to
drop from 1.15V.
At this time, if the potential of the FB terminal goes to the control potential before the
potential at the DTC terminal goes lower than 0.45V which is the lower limit value of the
triangular wave and if the potential of the FB terminal is lower than the potential of the DTC
terminal, then the system is activated.
When the output is shorted, the system is either activated or latched depending on
whether the time for the high potential of the FB terminal reaches the potential of the control
state is long or short. (For detail, see [II] and [IV] of the Mode)
There are two ways to go back to operation after the latch to shut off output. Either
method can restart with soft start.
1. Turning ON the Vcc.
2. Make the FB terminal to go to the low potential of 1.25V or less. Then, it is
cancel led.
[Mode Explained]
[ I ] Mode •••••••••••• Activation
This is used when the FB terminal goes down to the control state potential when the DTC
terminal is in up slope. In order for the activation to occur when the DTC terminal is in down
slope, the FB terminal potential must go below the DTC terminal before the DTC terminal
goes to 0.45V.
[ II ] Mode •••••••••••• Output short --> Activation
The system is activated if the FB terminal potential goes below the DTC terminal potential
before the DTC terminal goes to 0.45V. If there is not enough time, the output is turned OFF
(Latched)
[ III ] Mode ••••••••••• ON/OFF Control --> Activation
This mode turns off the output by forcing the DTC terminal to go down. (The system)
returns as in the case of the activation.
[ IV ] Mode ••••••••••• Output Short (Latch)
The output is turned OFF when the FB terminal potential did not go down to the control
state before the DTC terminal went down to 0.45V.
8


Similar Part No. - M62211FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62211FP RENESAS-M62211FP Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
More results

Similar Description - M62211FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
   GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
   General Purpose Multi Function DC/DC Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
AiT Semiconductor Inc.
A7531 AITSEMI-A7531 Datasheet
823Kb / 14P
   DC-DC CONVERTER/BOOST(STEP-UP) HIGH EFFICIENCY, MULTI-FUNCTION
REV2.2
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
   Multi-Channel DC-DC Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com