Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1338G-117BGXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1338G-117BGXC
Description  4-Mbit (128K x 32) Flow-Through Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1338G-117BGXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1338G-117BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1338G-117BGXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PRELIMINARY
CY7C1338G
Document #: 38-05521 Rev. *A
Page 10 of 17
tCLZ
Clock to Low-Z[12, 13, 14]
0
0
0
ns
tCHZ
Clock to High-Z[12, 13, 14]
3.5
3.5
3.5
ns
tOEV
OE LOW to Output Valid
3.5
3.5
3.5
ns
tOELZ
OE LOW to Output Low-Z[12, 13, 14]
0
0
0
ns
tOEHZ
OE HIGH to Output High-Z[12, 13, 14]
3.5
3.5
3.5
ns
Setup Times
tAS
Address Set-up Before CLK Rise
1.5
2.0
2.0
ns
tADS
ADSP, ADSC Set-up Before CLK Rise
1.5
2.0
2.0
ns
tADVS
ADV Set-up Before CLK Rise
1.5
2.0
2.0
ns
tWES
GW, BWE, BWX Set-up Before CLK Rise
1.5
2.0
2.0
ns
tDS
Data Input Set-up Before CLK Rise
1.5
1.5
1.5
ns
tCES
Chip Enable Set-up
1.5
2.0
2.0
ns
Hold Times
tAH
Address Hold After CLK Rise
0.5
0.5
0.5
ns
tADH
ADSP, ADSC Hold After CLK Rise
0.5
0.5
0.5
ns
tWEH
GW,BWE, BWX Hold After CLK Rise
0.5
0.5
0.5
ns
tADVH
ADV Hold After CLK Rise
0.5
0.5
0.5
ns
tDH
Data Input Hold After CLK Rise
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold After CLK Rise
0.5
0.5
0.5
ns
Switching Characteristics Over the Operating Range (continued)[11, 12, 13, 14, 15, 16]
Parameter
Description
133 MHz
117 MHz
100 MHz
Unit
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY7C1338G-117BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
593Kb / 21P
   4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXI CYPRESS-CY7C1338G-100AXI Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-100BGC CYPRESS-CY7C1338G-100BGC Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1338G-117BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
   4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com