Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS473PQTP Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS473PQTP
Description  Code Hopping Encoder and Transponder
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473PQTP Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS473PQTP Datasheet HTML 5Page - Microchip Technology HCS473PQTP Datasheet HTML 6Page - Microchip Technology HCS473PQTP Datasheet HTML 7Page - Microchip Technology HCS473PQTP Datasheet HTML 8Page - Microchip Technology HCS473PQTP Datasheet HTML 9Page - Microchip Technology HCS473PQTP Datasheet HTML 10Page - Microchip Technology HCS473PQTP Datasheet HTML 11Page - Microchip Technology HCS473PQTP Datasheet HTML 12Page - Microchip Technology HCS473PQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 7
HCS473
FIGURE 2-6:
LED PIN DIAGRAM
FIGURE 2-7:
LCCOM/LCX/LCY/LCZ/
VSST PIN DIAGRAM
2.3
Architectural Overview
2.3.1
WAKE-UP LOGIC
The HCS473 automatically goes into a low-power
Standby mode once connected to a supply voltage.
Power is supplied to the minimum circuitry required to
detect a wake-up condition; button activation or LC sig-
nal detection.
The HCS473 will wake from Low-power mode when a
button input is pulled high or a signal is detected on a
LC low frequency antenna input pin. Waking involves
powering the main logic circuitry that controls device
operation. The button and transponder inputs are then
sampled to determine which input activated the device.
A button input activation places the device into Encoder
mode. A signal detected on the transponder input
places the device into Transponder mode. Encoder
mode has priority over Transponder mode such that
communication on the transponder input would be
ignored or perhaps interrupted if it occurred simulta-
neously to a button activation; ignored until the button
input is released.
2.3.2
ENCODER INTERFACE
Using the four button inputs, up to 15 unique control
codes may be transmitted.
LED
HV
Detect
Program
Weak
LED
V
DD
Mode
LCX/LCY/
LCZ Inputs
RECTIFIER and
REGULATOR
V
SST
10V
100
LC
Input
AMP
DET
and
DAMP
LCX
only
10V
100
BIAS
CURRENT
LCCOM
CLAMP
RDAMP
Note:
S3 may not be used as a button input if the
RFEN option is enabled.


Similar Part No. - HCS473PQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS473 MICROCHIP-HCS473_13 Datasheet
1Mb / 68P
   KEELOQ짰 3-Axis Transcoder
2000-2013
More results

Similar Description - HCS473PQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
   KEELOQ Code Hopping Encoder and Transponder
2002
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
   KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
   KEELOQ Code Hopping Encoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com