Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSW45A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPSW45A
Description  One Watt Darlington Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW45A Datasheet(HTML) 1 Page - ON Semiconductor

  MPSW45A Datasheet HTML 1Page - ON Semiconductor MPSW45A Datasheet HTML 2Page - ON Semiconductor MPSW45A Datasheet HTML 3Page - ON Semiconductor MPSW45A Datasheet HTML 4Page - ON Semiconductor MPSW45A Datasheet HTML 5Page - ON Semiconductor MPSW45A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
One Watt Darlington Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
MPSW45
MPSW45A
Unit
Collector – Emitter Voltage
VCES
40
50
Vdc
Collector – Base Voltage
VCBO
50
60
Vdc
Emitter – Base Voltage
VEBO
12
12
Vdc
Collector Current — Continuous
IC
1.0
1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
2.5
20
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
125
°C/W
Thermal Resistance, Junction to Case
RqJC
50
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 100 µAdc, VBE = 0)
MPSW45
MPSW45A
V(BR)CES
40
50
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MPSW45
MPSW45A
V(BR)CBO
50
60
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
12
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
MPSW45
(VCB = 40 Vdc, IE = 0)
MPSW45A
ICBO
100
100
nAdc
Emitter Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
100
nAdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPSW45/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSW45
MPSW45A
CASE 29–05, STYLE 1
TO–92 (TO–226AE)
1
2
3
*
*Motorola Preferred Device
© Motorola, Inc. 1996
COLLECTOR 3
BASE
2
EMITTER 1


Similar Part No. - MPSW45A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW45A MOTOROLA-MPSW45A Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW45A ONSEMI-MPSW45A Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW45AG ONSEMI-MPSW45AG Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW45ARLRA ONSEMI-MPSW45ARLRA Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW45ARLRAG ONSEMI-MPSW45ARLRAG Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
More results

Similar Description - MPSW45A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS6724 ONSEMI-MPS6724 Datasheet
58Kb / 5P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW45 ONSEMI-MPSW45_06 Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW13 ONSEMI-MPSW13 Datasheet
57Kb / 4P
   One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
MPSW45 MOTOROLA-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW63G ONSEMI-MPSW63G Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPS6724 MOTOROLA-MPS6724 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
MPSW13 MOTOROLA-MPSW13 Datasheet
113Kb / 4P
   One Watt Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com