Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2585M Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2585M
Description  WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2585M Datasheet(HTML) 2 Page - New Japan Radio

  NJM2585M Datasheet HTML 1Page - New Japan Radio NJM2585M Datasheet HTML 2Page - New Japan Radio NJM2585M Datasheet HTML 3Page - New Japan Radio NJM2585M Datasheet HTML 4Page - New Japan Radio NJM2585M Datasheet HTML 5Page - New Japan Radio NJM2585M Datasheet HTML 6Page - New Japan Radio NJM2585M Datasheet HTML 7Page - New Japan Radio NJM2585M Datasheet HTML 8Page - New Japan Radio NJM2585M Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJM2586
- 2 -
NJM2585
sABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
12.0
V
Power Dissipation
PD
500 (DMP24)
700 (SDIP22)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
sELECTRICAL CHARACTERISTICS
(Ta=25
°C,V
+1=5V, V+2=5V, R
L=150Ω)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP. MAX. UNIT
Operating Current
ICC
No Signal
-
23.0
35.0
mA
Operating Current at Power Save
Isave
No Signal, Power Save Mode
-
0.7
1.2
mA
Maximum Output Voltage Swing
Vom
Vin=100kHz, Sine Signal, THD=1%
2.4
3.0
-
Vp-p
Voltage Gain
Gv
Vin=1MHz, 1.0Vp-p, Sine Signal
5.8
6.2
6.6
dB
Gain Difference Between Channel
∆GvI
Vin=1MHz, 1.0Vp-p,Sine Signal
(IN1, IN2, IN3)
-0.2
0
+0.2
dB
Gain Difference Between Block
∆GvB
Vin=1MHz, 1.0Vp-p,Sine Signal
(CH1, CH2, CH3)
-0.2
0
+0.2
dB
Band Width
f
-
50
-
MHz
Frequency Characteristic
Gf
Vin=50MHz/1MHz, 1.0Vp-p,
Sine signal
-
0
-
dB
Channel Cross talk 1
CTI1
Vin=4.43MHz, 1.0Vp-p, Sine signal
-
-60
-50
dB
Channel Cross talk 2
CTI2
Vin=50MHz, 1.0Vp-p, Sine signal
-
-40
-
dB
Block Cross talk 1
CTB1
Vin=4.43MHz, 1.0Vp-p, Sine signal
-
-60
-50
dB
Block Cross talk 2
CTB2
Vin=50MHz, 1.0Vp-p, Sine signal
-
-40
-
dB
Differential Gain
DG
Vin=1.0Vp-p, 10step Video Signal
-
0.3
-
%
Differential Phase
DP
Vin=1.0Vp-p, 10step Video Signal
-
0.3
-
deg
S/N Ratio
SNv
Vin=1.0Vp-p, 100KHz to 6MHz
100% White Video Signal
-
65
-
dB
Power Save SW
Change Voltage High Level
VthPH
PS
2.0
-
V
+
V
Power Save SW
Change Voltage Low Level
VthPL
PS
0
-
0.6
V
Input Select SW
Change Voltage High Level
VthSH
SW1, SW2
2.0
-
V
+
V
Input Select SW
Change Voltage Low Level
VthSL
SW1, SW2
0
-
0.6
V


Similar Part No. - NJM2585M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2580 NJRC-NJM2580 Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2580D NJRC-NJM2580D Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2580M NJRC-NJM2580M Datasheet
320Kb / 8P
   SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2581 NJRC-NJM2581 Datasheet
298Kb / 8P
   DUAL SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2581D NJRC-NJM2581D Datasheet
298Kb / 8P
   DUAL SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
More results

Similar Description - NJM2585M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055 TI-TL52055_07 Datasheet
220Kb / 11P
[Old version datasheet]   WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Rohm
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
MM1231 MITSUMI-MM1231 Datasheet
143Kb / 7P
   2-Input 1-Output 3-Circuit Video Switch Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com