Electronic Components Datasheet Search |
|
V300C28T100B Datasheet(PDF) 1 Page - Vicor Corporation |
|
V300C28T100B Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 8 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 V24C28C100B DC-DC Converter Rev. 2 Page 1 of 8 Set your site on VICOR at www.vicorpower.com Parameter Rating Unit Notes +In to –In voltage -0.5 to +36 Vdc +In to –In voltage 50 Vdc <100ms PC to –In voltage -0.5 to +7.0 Vdc PR to –In voltage -0.5 to +7.0 Vdc +Out to –Out voltage -0.5 to +36.9 Vdc SC to –Out voltage -0.5 to +1.5 Vdc Isolation voltage (in to out) 2000 Vrms Isolation voltage (in to base) 1550 Vrms Isolation voltage (out to base) 500 Vrms Storage temperature (C–Grade) -40 to +125 °C Operating temperature (C–Grade) -20 to +100 °C Baseplate Pin soldering temperature 500 (260) °F (°C) <5 sec; wave solder Pin soldering temperature 750 (390) °F (°C) <7 sec; hand solder Mounting torque 5 (0.57) in-lbs (N-m) 6 each, # 4-40 or M3 Shown actual size: 2.28 x 1.45 x 0.5 in 57,9 x 36,8 x 12,7 mm 45 Absolute Maximum Ratings Parameter Min Typ Max Unit Baseplate to sink; flat, greased surface 0.24 °C/Watt Baseplate to sink; thermal pad (P/N 20265) 0.21 °C/Watt Baseplate to ambient 10.9 °C/Watt Baseplate to ambient; 1000 LFM 2.8 °C/Watt Thermal capacity 48 Watt-sec/°C Thermal Resistance and Capacity 24Vin / 28Vout / 100Watts DC-DC Converter Module Model Number V24C28C100B* Features • DC input range: 18 - 36V • Input surge withstand: 50V for 100ms • DC output: 28V • Programmable output: 10 to 110% • Regulation: ±0.2% no load to full load • Efficiency: 89% • Maximum operating temperature: 100°C at full load • Power density: 60W/cubic inch • Height above board: 0.43 in. (10,9 mm) • Parallelable, with N+M fault tolerance • Low noise ZCS/ZVS architecture Typical Applications: telecommunications, process control and distributed power systems Product Overview This DC-DC converter module uses 2nd Generation power processing, control and packaging technologies to provide the performance, flexibility and cost effectiveness expected of a mature power component. For example, a plated-cavity core transformer couples widely separated primary and secondary windings, resulting in low in-to- out parasitic capacitance and noise. High frequency ZCS/ZVS switching, advanced power semiconductor packaging and thermal management provide high power density with low temperature gradients. Extensive use of silicon integration results in 1/3 the part count of a 1st Generation converter. * Part Numbering For pin styles see page 6. Slotted baseplate (style 1) requires no designator. For threaded baseplate add a “2” to the end of the part number. For thru-hole, add a “3”. See page 7 for dimensions. See part numbering chart on this page for other product grades. V24 C 15 C 100 B Input Voltage 24 = 24Vin 48 = 48Vin 300 = 300Vin 375 = 375Vin A = Maxi B = Mini C = Micro Output Voltage Product Grade Temperatures (°C) Grade Storage Operating C = - 40 to +125 - 20 to +100 T = - 40 to +125 - 40 to +100 H = - 55 to +125 - 40 to +100 M = - 65 to +125 - 55 to +100 Pin Style Base- plate Output Power |
Similar Part No. - V300C28T100B |
|
Similar Description - V300C28T100B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |