Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375A15H100B Datasheet(PDF) 3 Page - Vicor Corporation

Part # V375A15H100B
Description  24Vin / 28Vout / 100Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A15H100B Datasheet(HTML) 3 Page - Vicor Corporation

  V375A15H100B Datasheet HTML 1Page - Vicor Corporation V375A15H100B Datasheet HTML 2Page - Vicor Corporation V375A15H100B Datasheet HTML 3Page - Vicor Corporation V375A15H100B Datasheet HTML 4Page - Vicor Corporation V375A15H100B Datasheet HTML 5Page - Vicor Corporation V375A15H100B Datasheet HTML 6Page - Vicor Corporation V375A15H100B Datasheet HTML 7Page - Vicor Corporation V375A15H100B Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V24C28C100B DC-DC Converter
Rev. 2
Page 3 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.10
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5V
PC module disable
2.3
2.3
2.6
Vdc
Must be able to sink
≥4 mA. See Fig. 1
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 2 and 4
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 ohms, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
ohms
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
Vdc
Referenced to – Out
SC resistance
990
1000
1010
ohms
SC capacitance
0.033
µF
SC module alarm
0
Vdc
With open trim; referenced to –Out. See Fig. 6
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage (in to out)
2000
Vrms
Complies with reinforced insulation requirements
Isolation voltage (in to base)
1550
Vrms
Complies with basic insulation requirements
Isolation voltage (out to base)
500
Vrms
Complies with operational insulation requirements
Isolation resistance (in to out)
10
megohms
Weight
2.1 (60)
2.3 (66)
ounces (grams)
Temperature limiting
100
115
°C
See Figs. 2 and 4
Agency approvals
cULus, TÜV, CE
UL60950, EN60950, CSA60950, IEC 60950.
With a fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, continued
Note: The cover is electrically conductive and may be electrically connected to the baseplate.


Similar Part No. - V375A15H100B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A15H100B VICOR-V375A15H100B Datasheet
142Kb / 8P
   24Vin / 5Vout / 100Watts DC-DC Converter Module
V375A15H100B VICOR-V375A15H100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V375A15H100B VICOR-V375A15H100B Datasheet
173Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
More results

Similar Description - V375A15H100B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24C24C100B VICOR-V24C24C100B Datasheet
173Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V24C5C100B VICOR-V24C5C100B Datasheet
142Kb / 8P
   24Vin / 5Vout / 100Watts DC-DC Converter Module
V24C15C100B VICOR-V24C15C100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V24C24C100A VICOR-V24C24C100A Datasheet
180Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V24C48C100A VICOR-V24C48C100A Datasheet
180Kb / 8P
   24Vin / 48Vout / 100Watts DC-DC Converter Module
V24A28C400B VICOR-V24A28C400B Datasheet
150Kb / 8P
   24Vin / 28Vout / 400Watts DC-DC Converter Module
V24B28C200B VICOR-V24B28C200B Datasheet
148Kb / 8P
   24Vin / 28Vout / 200Watts DC-DC Converter Module
V24A28C400A VICOR-V24A28C400A Datasheet
194Kb / 8P
   24Vin / 28Vout / 400Watts DC-DC Converter Module
V300B28C250B VICOR-V300B28C250B Datasheet
145Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com